Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7344 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7344
Description  Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7344 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7344_15 Datasheet HTML 6Page - Analog Devices ADV7344_15 Datasheet HTML 7Page - Analog Devices ADV7344_15 Datasheet HTML 8Page - Analog Devices ADV7344_15 Datasheet HTML 9Page - Analog Devices ADV7344_15 Datasheet HTML 10Page - Analog Devices ADV7344_15 Datasheet HTML 11Page - Analog Devices ADV7344_15 Datasheet HTML 12Page - Analog Devices ADV7344_15 Datasheet HTML 13Page - Analog Devices ADV7344_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
ADV7344
Data Sheet
Rev. B | Page 10 of 108
DIGITAL TIMING SPECIFICATIONS—1.8 V
VDD = 1.71 V to 1.89 V, PVDD = 1.71 V to 1.89 V, VAA = 2.6 V to 3.465 V, VDD_IO = 1.71 V to 1.89 V.
All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted.
Table 9.
Parameter
Conditions1
Min
Typ
Max
Unit
VIDEO DATA AND VIDEO CONTROL PORT2, 3
Data Input Setup Time, t114
SD
1.4
ns
ED/HD-SDR
1.9
ns
ED/HD-DDR
1.9
ns
ED (at 54 MHz)
1.6
ns
Data Input Hold Time, t124
SD
1.4
ns
ED/HD-SDR
1.5
ns
ED/HD-DDR
1.5
ns
ED (at 54 MHz)
1.3
ns
Control Input Setup Time, t114
SD
1.4
ns
ED/HD-SDR or ED/HD-DDR
1.2
ns
ED (at 54 MHz)
1.0
ns
Control Input Hold Time, t124
SD
1.4
ns
ED/HD-SDR or ED/HD-DDR
1.0
ns
ED (at 54 MHz)
1.0
ns
Control Output Access Time, t134
SD
13
ns
ED/HD-SDR, ED/HD-DDR or ED (at 54 MHz)
12
ns
Control Output Hold Time, t144
SD
4.0
ns
ED/HD-SDR, ED/HD-DDR or ED (at 54 MHz)
5.0
ns
PIPELINE DELAY5
SD1
CVBS/YC Outputs (2×)
SD oversampling disabled
68
Clock cycles
CVBS/YC Outputs (16×)
SD oversampling enabled
67
Clock cycles
Component Outputs (2×)
SD oversampling disabled
78
Clock cycles
Component Outputs (16×)
SD oversampling enabled
84
Clock cycles
ED1
Component Outputs (1×)
ED oversampling disabled
41
Clock cycles
Component Outputs (8×)
ED oversampling enabled
46
Clock cycles
HD1
Component Outputs (1×)
HD oversampling disabled
40
Clock cycles
Component Outputs (4×)
HD oversampling enabled
44
Clock cycles
1
SD = standard definition, ED = enhanced definition (525p/625p), HD = high definition, SDR = single data rate, DDR = dual data rate.
2
Video data: C[9:0], Y[9:0], and S[9:0].
3
Video control: P_HSYNC, P_VSYNC, P_BLANK, S_HSYNC, and S_VSYNC.
4
Guaranteed by characterization.
5
Guaranteed by design.


Similar Part No. - ADV7344_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7344BSTZ AD-ADV7344BSTZ Datasheet
1Mb / 88P
   Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. 0
More results

Similar Description - ADV7344_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7344 AD-ADV7344 Datasheet
1Mb / 88P
   Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. 0
ADV7340 AD-ADV7340_15 Datasheet
1Mb / 108P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7341 AD-ADV7341_15 Datasheet
1Mb / 108P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7340 AD-ADV7340 Datasheet
1Mb / 88P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
REV. 0
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7342 AD-ADV7342_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
ADV7343 AD-ADV7343_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com