Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20133DSP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R2A20133DSP
Description  Critical Conduction Mode PFC Control IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20133DSP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R2A20133DSP_15 Datasheet HTML 3Page - Renesas Technology Corp R2A20133DSP_15 Datasheet HTML 4Page - Renesas Technology Corp R2A20133DSP_15 Datasheet HTML 5Page - Renesas Technology Corp R2A20133DSP_15 Datasheet HTML 6Page - Renesas Technology Corp R2A20133DSP_15 Datasheet HTML 7Page - Renesas Technology Corp R2A20133DSP_15 Datasheet HTML 8Page - Renesas Technology Corp R2A20133DSP_15 Datasheet HTML 9Page - Renesas Technology Corp R2A20133DSP_15 Datasheet HTML 10Page - Renesas Technology Corp R2A20133DSP_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
R2A20133DSP
Preliminary
R03DS0052EJ0300 Rev.3.00
Page 7 of 13
Feb 27, 2013
Waveforms
1. Start-up
VREF GOOD
(Internal signal)
VCC
9.5V (Vuvlh)
5.02V
3.6V
VREF
(Internal signal)
OUT
COMP
FB
0.5V (Vfblow + Hysfblow)
1.0V (Voff_ramp)
2. Shut-down
OUT
Normal operation
8.5V (Vuvll)
VCC


Similar Part No. - R2A20133DSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20133DSP RENESAS-R2A20133DSP_16 Datasheet
288Kb / 14P
   Critical Conduction Mode PFC Control IC
More results

Similar Description - R2A20133DSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP_15 Datasheet
116Kb / 14P
   Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2016S SANKEN-SSC2016S Datasheet
673Kb / 22P
   Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
   Critical Conduction Mode PFC Control IC
Jan 08, 2016
R2A20113DD RENESAS-R2A20113DD Datasheet
113Kb / 7P
   Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP Datasheet
113Kb / 13P
   Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
   Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20133BSP RENESAS-R2A20133BSP_15 Datasheet
116Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_16 Datasheet
288Kb / 14P
   Critical Conduction Mode PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com