Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21546GJFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F21546GJFP
Description  RENESAS MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21546GJFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F21546GJFP Datasheet HTML 7Page - Renesas Technology Corp R5F21546GJFP Datasheet HTML 8Page - Renesas Technology Corp R5F21546GJFP Datasheet HTML 9Page - Renesas Technology Corp R5F21546GJFP Datasheet HTML 10Page - Renesas Technology Corp R5F21546GJFP Datasheet HTML 11Page - Renesas Technology Corp R5F21546GJFP Datasheet HTML 12Page - Renesas Technology Corp R5F21546GJFP Datasheet HTML 13Page - Renesas Technology Corp R5F21546GJFP Datasheet HTML 14Page - Renesas Technology Corp R5F21546GJFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
R8C/54E Group, R8C/54F Group, R8C/54G Group, R8C/54H Group
1. Overview
R01DS0043EJ0200 Rev.2.00
Page 11 of 78
Sep 05, 2012
Figure 1.2
R8C/54F Group Product Part Number Structure
Table 1.10
R8C/54F Group Product List
Part No.
Internal ROM Capacity
Internal RAM Capacity
Package Type
Remarks
Program ROM
R5F21546FJFP
32 Kbytes
2.5 Kbytes
PLQP0048KB-A
J version
R5F21547FJFP
48 Kbytes
4 Kbytes
R5F21548FJFP
64 Kbytes
6 Kbytes
R5F2154AFJFP
96 Kbytes
8 Kbytes
R5F2154CFJFP
128 Kbytes
10 Kbytes
R5F21546FKFP
32 Kbytes
2.5 Kbytes
K version
R5F21547FKFP
48 Kbytes
4 Kbytes
R5F21548FKFP
64 Kbytes
6 Kbytes
R5F2154AFKFP
96 Kbytes
8 Kbytes
R5F2154CFKFP
128 Kbytes
10 Kbytes
Current of Sep 2012
P art No . R 5 F 21 54 C F J FP
Package type:
FP: PLQP0048KB-A
(0.5 mm pin pitch, 7
 7 mm square body)
Classification
J: Operating ambient temperature -40°C to 85°C
K: Operating ambient temperature -40°C to 125°C
Availability of CAN, Data flash
E: CAN module: Yes; Data flash: Yes
F: CAN module: Yes; Data flash: No
G: CAN module: No; Data flash: Yes
H: CAN module: No; Data flash: No
ROM capacity
6: 32 KB
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/54F Group
R8C/5x Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor


Similar Part No. - R5F21546GJFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21546EJFP RENESAS-R5F21546EJFP Datasheet
388Kb / 55P
   RENESAS MCU
R5F21546EKFP RENESAS-R5F21546EKFP Datasheet
388Kb / 55P
   RENESAS MCU
More results

Similar Description - R5F21546GJFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com