Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH60D0DPK Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJH60D0DPK
Description  600V - 22A - IGBT Application: Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D0DPK Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RJH60D0DPK_15 Datasheet HTML 2Page - Renesas Technology Corp RJH60D0DPK_15 Datasheet HTML 3Page - Renesas Technology Corp RJH60D0DPK_15 Datasheet HTML 4Page - Renesas Technology Corp RJH60D0DPK_15 Datasheet HTML 5Page - Renesas Technology Corp RJH60D0DPK_15 Datasheet HTML 6Page - Renesas Technology Corp RJH60D0DPK_15 Datasheet HTML 7Page - Renesas Technology Corp RJH60D0DPK_15 Datasheet HTML 8Page - Renesas Technology Corp RJH60D0DPK_15 Datasheet HTML 9Page - Renesas Technology Corp RJH60D0DPK_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RJH60D0DPK
Preliminary
R07DS0155EJ0400 Rev.4.00
Page 6 of 9
Apr 19, 2012
8
4
16
12
Diode Current Slope diF/dt (A/
μs)
Reverse Recovery Time vs.
Diode Current Slope (Typical)
Diode Current Slope diF/dt (A/
μs)
Reverse Recovery Current vs.
Diode Current Slope (Typical)
Diode Current Slope diF/dt (A/
μs)
Reverse Recovery Charge vs.
Diode Current Slope (Typical)
C-E Diode Forward Voltage VCEF (V)
Forward Current vs. Forward Voltage (Typical)
0
80
60
40
20
0123
4
Tc = 25°C
150°C
VCE = 0 V
Pulse Test
1
10
100
1000
10000
Gate Charge Qg (nc)
Dynamic Input Characteristics (Typical)
Typical Capacitance vs.
Collector to Emitter Voltage
800
600
400
200
0
0
16
12
8
4
0
10
20
30
40
50
VGE
VCE
Collector to Emitter Voltage VCE (V)
IC = 22 A
VCC = 300 V
Tc = 25°C
VGE = 0 V
f = 1 MHz
Tj = 25°C
Cies
Coes
Cres
100
50
300
250
200
150
0
040
80
200
120
160
040
80
200
120
160
040
80
200
120
160
0.4
0.2
1.0
0.8
0.6
VCC = 300 V
IF = 22 A
0
VCC = 300 V
IF = 22 A
Tc = 150°C
25°C
0
VCC = 300 V
IF = 22 A
Tc = 150°C
25°C
Tc = 150°C
25°C
0100
50
150
200
250
300


Similar Part No. - RJH60D0DPK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D0DPK RENESAS-RJH60D0DPK_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
More results

Similar Description - RJH60D0DPK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D0DPM RENESAS-RJH60D0DPM_15 Datasheet
106Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM-80 RENESAS-RJP60V0DPM-80 Datasheet
112Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJH60M0DPQ-E0 RENESAS-RJH60M0DPQ-E0_15 Datasheet
212Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM-80 RENESAS-RJP60V0DPM-80_15 Datasheet
108Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJH60D0DPQ-E0 RENESAS-RJH60D0DPQ-E0 Datasheet
111Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJH60M0DPQ-E0 RENESAS-RJH60M0DPQ-E0 Datasheet
212Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM RENESAS-RJP60V0DPM Datasheet
91Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM RENESAS-RJP60V0DPM_15 Datasheet
97Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D6DPQ-E0 RENESAS-RJH60D6DPQ-E0 Datasheet
108Kb / 10P
   600V - 40A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com