Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1S45N02L Datasheet(PDF) 4 Page - Intersil Corporation

Part # RF1S45N02L
Description  45A, 20V, 0.022 Ohm, N-Channel Logic Level Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1S45N02L Datasheet(HTML) 4 Page - Intersil Corporation

  RF1S45N02L Datasheet HTML 1Page - Intersil Corporation RF1S45N02L Datasheet HTML 2Page - Intersil Corporation RF1S45N02L Datasheet HTML 3Page - Intersil Corporation RF1S45N02L Datasheet HTML 4Page - Intersil Corporation RF1S45N02L Datasheet HTML 5Page - Intersil Corporation RF1S45N02L Datasheet HTML 6Page - Intersil Corporation RF1S45N02L Datasheet HTML 7Page - Intersil Corporation RF1S45N02L Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
RFP45N02L, RF1S45N02L, RF1S45N02LSM
NOTE: Refer to Intersil Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs
GATE VOLTAGE AND DRAIN CURRENT
FIGURE 10. SWITCHING TIME AS A FUNCTION OF GATE
RESISTANCE
FIGURE 11. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
0.01
0.1
10
10
0.001
200
1
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS-VDD) +1]
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
100
1
100
0
25
0
1
23
5
50
75
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4V
VGS = 10V
100
4
VGS = 3V
VGS = 5V
VGS = 4.5V
VGS = 3.5V
PULSE DURATION = 250
µs, TC = 25oC
0
3.0
4.5
6.0
7.5
1.5
0
25
50
75
175oC
PULSE TEST
PULSE DURATION = 250
µs
DUTY CYCLE = 0.5% MAX
VGS, GATE TO SOURCE VOLTAGE (V)
100
-55oC
25oC
VDD = 15V
0
25
50
75
3.0
3.5
4.0
4.5
VGS, GATE TO SOURCE VOLTAGE (V)
5.0
100
ID = 2A
ID = 30A
ID = 15A
ID = 45A
2.5
PULSE DURATION = 250
µs
0
150
200
250
300
010
20
30
40
RGS, GATE TO SOURCE RESISTANCE (Ω)
50
350
100
50
tr
tf
td(OFF)
td(ON)
VDD = 15V, ID = 45A, RL = 0.333Ω
0
0.5
1.0
1.5
2.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
200
PULSE DURATION = 250
µs, VGS = 5V, ID = 45A
RFP45N02L, RF1S45N02L, RF1S45N02LSM


Similar Part No. - RF1S45N02L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF1S45N03L INTERSIL-RF1S45N03L Datasheet
100Kb / 7P
   45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
RF1S45N03LSM INTERSIL-RF1S45N03LSM Datasheet
100Kb / 7P
   45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RF1S45N03LSM VBSEMI-RF1S45N03LSM Datasheet
988Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
RF1S45N06 FAIRCHILD-RF1S45N06 Datasheet
82Kb / 6P
   45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RF1S45N06LESM INTERSIL-RF1S45N06LESM Datasheet
427Kb / 8P
   45A, 60V, 0.028 Ohm, Logic Level N-Channel Power MOSFETs
More results

Similar Description - RF1S45N02L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
   45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
HUF76013P3 INTERSIL-HUF76013P3 Datasheet
245Kb / 11P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
logo
Fairchild Semiconductor
HUF76013P3 FAIRCHILD-HUF76013P3 Datasheet
195Kb / 10P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
logo
Intersil Corporation
RFD16N02L INTERSIL-RFD16N02L Datasheet
74Kb / 8P
   16A, 20V, 0.022 Ohm, N-Channel, Logic Level, Power MOSFET
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N06LE INTERSIL-RFG50N06LE Datasheet
412Kb / 8P
   50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP45N06LE INTERSIL-RFP45N06LE Datasheet
427Kb / 8P
   45A, 60V, 0.028 Ohm, Logic Level N-Channel Power MOSFETs
HUF76009P3 INTERSIL-HUF76009P3 Datasheet
243Kb / 11P
   20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com