Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNA55A125FLP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RNA55A125FLP
Description  CMOS System Reset IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA55A125FLP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RNA55A125FLP_15 Datasheet HTML 4Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 5Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 6Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 7Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 8Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 9Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 10Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 11Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RNA55A125FLP
Target Specification
R03DS0053EJ0301 Rev.3.01
Page 11 of 11
Mar 01, 2013
Package Dimensions
D
e
A
Qc
AA
b
xS
A
A
A2
A1
M
E
L
HE
L1
LP
A3
yS
Pattern of terminal position areas
S
I1
b2
e
e1
A
A1
A2
A3
b
c
D
E
e
HE
L
L1
LP
x
y
b2
e1
I1
Q
1.0
0
1.0
0.35
0.11
2.8
1.5
2.5
0.3
0.1
0.2
Min
Nom
Dimension in Millimeters
Reference
Symbol
Max
1.1
0.25
0.4
0.16
2.95
1.6
0.95
2.8
2.15
0.3
1.4
0.1
1.3
0.5
0.26
3.1
1.8
3.0
0.7
0.5
0.6
0.05
0.05
0.55
0.85
SC-74A
0.015g
MASS[Typ.]
MPAK-5 / MPAK-5V
PLSP0005ZB-A
RENESAS Code
JEITA Package Code
Previous Code
b
A-A Section
c
Package Name
MPAK-5


Similar Part No. - RNA55A125FLP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA55A125FLPH1 RENESAS-RNA55A125FLPH1 Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
More results

Similar Description - RNA55A125FLP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
logo
Renesas Technology Corp
RNA52A10T RENESAS-RNA52A10T Datasheet
575Kb / 12P
   Dual CMOS system–RESET IC
Dec 19, 2015
logo
Mitsumi Electronics, Co...
PST35XX MITSUMI-PST35XX Datasheet
155Kb / 20P
   IC for CMOS System Reset
logo
Renesas Technology Corp
RNA52A10MM RENESAS-RNA52A10MM Datasheet
159Kb / 11P
   Dual CMOS system-RESET IC
logo
Mitsumi Electronics, Co...
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
   IC for CMOS System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com