Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFT3055LE Datasheet(PDF) 9 Page - Intersil Corporation

Part # RFT3055LE
Description  2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFT3055LE Datasheet(HTML) 9 Page - Intersil Corporation

Back Button RFT3055LE Datasheet HTML 2Page - Intersil Corporation RFT3055LE Datasheet HTML 3Page - Intersil Corporation RFT3055LE Datasheet HTML 4Page - Intersil Corporation RFT3055LE Datasheet HTML 5Page - Intersil Corporation RFT3055LE Datasheet HTML 6Page - Intersil Corporation RFT3055LE Datasheet HTML 7Page - Intersil Corporation RFT3055LE Datasheet HTML 8Page - Intersil Corporation RFT3055LE Datasheet HTML 9Page - Intersil Corporation RFT3055LE Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
8-151
SPICE Thermal Model
REV May 98
RFT3055LE
Copper Area = 0.077in2
CTHERM1 9 8 7.5e-5
CTHERM2 8 7 3.5e-4
CTHERM3 7 6 1.2e-3
CTHERM4 6 5 1.5e-2
CTHERM5 5 4 6.0e-2
CTHERM6 4 3 3.0e-1
CTHERM7 3 2 1.6
CTHERM8 2 1 6
RTHERM1 9 8 8.2e-2
RTHERM2 8 7 2.7e-1
RTHERM3 7 6 1.9
RTHERM4 6 5 3.1
RTHERM5 5 4 12
RTHERM6 4 3 38
RTHERM7 3 2 32
RTHERM8 2 1 22
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
1
4
5
6
7
8
9
JUNCTION
AMBIENT
2
3
RTHERM7
RTHERM8
CTHERM7
CTHERM8
RFT3055LE


Similar Part No. - RFT3055LE

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
RFT-10Y BEL-RFT-10Y Datasheet
1Mb / 10P
   10 W Isolated DC-DC Converter
16 December 2022
RFT-10Y03C BEL-RFT-10Y03C Datasheet
1Mb / 10P
   10 W Isolated DC-DC Converter
16 December 2022
RFT-10Y03F BEL-RFT-10Y03F Datasheet
1Mb / 10P
   10 W Isolated DC-DC Converter
16 December 2022
RFT-10Y03X BEL-RFT-10Y03X Datasheet
1Mb / 10P
   10 W Isolated DC-DC Converter
16 December 2022
RFT-10Y05C BEL-RFT-10Y05C Datasheet
1Mb / 10P
   10 W Isolated DC-DC Converter
16 December 2022
More results

Similar Description - RFT3055LE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP30N06LE INTERSIL-RFP30N06LE Datasheet
80Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP30N06LE FAIRCHILD-RFP30N06LE Datasheet
188Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
   15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
RFD8P06LE INTERSIL-RFD8P06LE Datasheet
102Kb / 8P
   8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET
RFT2P03L INTERSIL-RFT2P03L Datasheet
91Kb / 9P
   2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
RFW2N06RLE INTERSIL-RFW2N06RLE Datasheet
41Kb / 5P
   2A, 60V, 0.160 Ohm, Logic Level, N-Channel Power MOSFET
RFL2N06L INTERSIL-RFL2N06L Datasheet
306Kb / 5P
   2A, 60V, 0.950 Ohm, Logic Level, N-Channel Power MOSFET
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
RFP30N06LE HARRIS-RFP30N06LE Datasheet
91Kb / 6P
   30A, 60V, ESD Rated, Avalanche Rated, Logic Level N-Channel Enhancement-Mode Power MOSFETs
logo
Fairchild Semiconductor
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com