Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B2V7 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BZT52B2V7
Description  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BZT52B2V7 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BZT52B2V7 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BZT52B2V7 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BZT52B2V7 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Zener Diodes
BZT52B Series (KZT52B Series)
Absolute Maximum Ratings Ta = 25℃
1
2
Cathode
Anode
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
500
mW
Junction Temperature
TJ
150
Operating Temperature Range
TOPR
-65 to 150
Storage Temperature range
Tstg
-65 to 150
Electrical Characteristics Ta = 25℃
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(Ω)
Max
IZK
(mA)
ZZK @ IZK
(Ω)
Max
IR @ VR
(µA)
Max
VR
(Volts)
BZT52B2V0
2V0B
1.95
2.0
2.05
5
100
1
564
120
0.5
BZT52B2V2
2V2B
2.14
2.2
2.26
5
100
1
564
120
0.7
BZT52B2V4
2V4B
2.35
2.4
2.45
5
100
1
564
45
1
BZT52B2V7
2V7B
2.65
2.7
2.75
5
100
1
564
18
1
BZT52B3V0
3V0B
2.94
3.0
3.06
5
100
1
564
9
1
BZT52B3V3
3V3B
3.23
3.3
3.37
5
95
1
564
4.5
1
BZT52B3V6
3V6B
3.53
3.6
3.67
5
90
1
564
4.5
1
BZT52B3V9
3V9B
3.82
3.9
3.98
5
90
1
564
2.7
1
BZT52B4V3
4V3B
4.21
4.3
4.39
5
90
1
564
2.7
1
BZT52B4V7
4V7B
4.61
4.7
4.79
5
80
1
470
2.7
2
BZT52B5V1
5V1B
5.00
5.1
5.20
5
60
1
451
1.8
2
BZT52B5V6
5V6B
5.49
5.6
5.71
5
40
1
376
0.9
2
BZT52B6V2
6V2B
6.08
6.2
6.32
5
10
1
141
2.7
4
BZT52B6V8
6V8B
6.66
6.8
6.94
5
15
1
75
1.8
4
BZT52B7V5
7V5B
7.35
7.5
7.65
5
15
1
75
0.9
5
BZT52B8V2
8V2B
8.04
8.2
8.36
5
15
1
75
0.63
5
BZT52B9V1
9V1B
8.92
9.1
9.28
5
15
1
94
0.45
6
BZT52B10
10VB
9.80
10
10.20
5
20
1
141
0.18
7
BZT52B11
11VB
10.78
11
11.22
5
20
1
141
0.09
8
BZT52B12
12VB
11.76
12
12.24
5
25
1
141
0.09
8
BZT52B13
13VB
12.74
13
13.26
5
30
1
160
0.09
8
BZT52B15
15VB
14.70
15
15.30
5
30
1
188
0.045
10.5
Features
Wide Zener Voltage Range Selection, 2.0V to 75V
VZ Tolerance Selection of ±2% (B Series)
Flat Lead SOD-123FL Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
0.6±0.1
1.6±0.1
0.9±0.1
0.1+0.1
-0.05
SOD-123FL
Unit:mm


Similar Part No. - BZT52B2V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V7 TSC-BZT52B2V7 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Vishay Siliconix
BZT52B2V7 VISHAY-BZT52B2V7 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
logo
Weitron Technology
BZT52B2V7 WEITRON-BZT52B2V7 Datasheet
170Kb / 3P
   Surface Mount Zener Diodes
logo
Foshan Blue Rocket Elec...
BZT52B2V7 FOSHAN-BZT52B2V7 Datasheet
629Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
logo
Shenzhen Taychipst Elec...
BZT52B2V7 TAYCHIPST-BZT52B2V7 Datasheet
2Mb / 3P
   Small Signal Diode
More results

Similar Description - BZT52B2V7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com