Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHR1K160 Datasheet(PDF) 2 Page - Intersil Corporation

Part # RHR1K160
Description  1A, 600V Hyperfast Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHR1K160 Datasheet(HTML) 2 Page - Intersil Corporation

  RHR1K160 Datasheet HTML 1Page - Intersil Corporation RHR1K160 Datasheet HTML 2Page - Intersil Corporation RHR1K160 Datasheet HTML 3Page - Intersil Corporation RHR1K160 Datasheet HTML 4Page - Intersil Corporation RHR1K160 Datasheet HTML 5Page - Intersil Corporation RHR1K160 Datasheet HTML 6Page - Intersil Corporation RHR1K160 Datasheet HTML 7Page - Intersil Corporation RHR1K160 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3-2
Electrical Specifications
TA = 25
oC, Unless Otherwise Specified
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
VF
IF = 1A
-
-
2.1
V
IF = 1A, TA = 150
oC
-
-
1.7
V
IR
VR = 600V
-
-
100
µA
VR = 600V, TA = 150
oC
-
-
500
µA
trr
IF = 1A, dIF/dt = 200A/µs-
-
25
ns
ta
IF = 1A, dIF/dt = 200A/µs
-
10.5
-
ns
tb
IF = 1A, dIF/dt = 200A/µs-
5
-
ns
QRR
IF = 1A, dIF/dt = 200A/µs
-
20
-
nC
CJ
VR = 10V, IF = 0A
-
10
-
pF
RθJA
Pad Area = 0.769 in2 (Note 1)
-
-
50
oC/W
Pad Area = 0.054 in2 (Note 2) (Figure 13)
-
-
177
oC/W
Pad Area = 0.0115 in2 (Note 2) (Figure 13)
-
-
217
oC/W
DEFINITIONS
VF = Instantaneous forward voltage (pw = 300µs, D = 2%).
IR = Instantaneous reverse current.
trr = Reverse recovery time (See Figure 10), summation of ta +tb.
ta = Time to reach peak reverse current (See Figure 10).
tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 10).
Qrr = Reverse recovery charge.
CJ = Junction Capacitance.
RθJA = Thermal resistance junction to ambient.
pw = Pulse width.
D = Duty cycle.
NOTES:
1. Measured using FR-4 copper board at 3.2 seconds.
2. Measured using FR-4 copper board at 1000 seconds.
RHR1K160


Similar Part No. - RHR1K160

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHR1K160D INTERSIL-RHR1K160D Datasheet
123Kb / 9P
   1A, 600V Hyperfast Dual Diode
More results

Similar Description - RHR1K160

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHR1K160D INTERSIL-RHR1K160D Datasheet
123Kb / 9P
   1A, 600V Hyperfast Dual Diode
RHRG5060 INTERSIL-RHRG5060 Datasheet
48Kb / 4P
   50A, 600V Hyperfast Diode
RHRU10060 INTERSIL-RHRU10060 Datasheet
42Kb / 3P
   100A, 600V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
348Kb / 5P
   50A, 600V Hyperfast Diode
logo
Intersil Corporation
RHRU15060 INTERSIL-RHRU15060 Datasheet
40Kb / 3P
   150A, 600V Hyperfast Diode
RHRG7560 INTERSIL-RHRG7560 Datasheet
46Kb / 4P
   75A, 600V Hyperfast Diode
logo
STMicroelectronics
STTH806DTI STMICROELECTRONICS-STTH806DTI_05 Datasheet
68Kb / 6P
   Tandem 600V HYPERFAST BOOST DIODE
logo
Shindengen Electric Mfg...
D1F10 SHINDENGEN-D1F10 Datasheet
198Kb / 2P
   Rectifier Diode 600V 1A
logo
STMicroelectronics
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
STTH1506DPI STMICROELECTRONICS-STTH1506DPI Datasheet
72Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com