Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C4V7T Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BZX84C4V7T
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BZX84C4V7T Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BZX84C4V7T Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BZX84C4V7T Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BZX84C4V7T Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
BZX84C2V4T-BZX84C39T
Electrical Characteristics Ta = 25℃
Type
Number
Marking
Code
Zener Vol tage
Range (Note 1 )
Maximum Ze ner Impeda nce
(Note 2)
Maximum
Reverse Current
(Note 1)
Temperatur e
Coefficient of
Zener Vol tage
@ IZT = 5mA
(mV/ C)
VZ @ IZT
IZT
ZZT @ IZT ZZK @ IZK
IZK
I R
@VR
Nom (V)
Min (V)
Max (V)
mA
mA
uA
V
Min
Max
BZX84C2V4T
RB
2.4
2.2
2.6
5.0
100
600
1.0
50
1.0
-3.5
0
BZX84C2V7T
RC
2.7
2.5
2.9
5.0
100
600
1.0
20
1.0
-3.5
0
BZX84C3V0T
RD
3.0
2.8
3.2
5.0
95
600
1.0
20
1.0
-3.5
0
BZX84C3V3T
RE
3.3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
-3.5
0
BZX84C3V6T
RF
3.6
3.4
3.8
5.0
90
600
1.0
5.0
1.0
-3.5
0
BZX84C3V9T
RG
3.9
3.7
4.1
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V3T
RH
4.3
4.0
4.6
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V7T
R1
4.7
4.4
5.0
5.0
80
600
1.0
3.0
2.0
-3.5
0.2
BZX84C5V1T
R2
5.1
4.8
5.4
5.0
60
500
1.0
2.0
2.0
-2.7
1.2
BZX84C5V6T
R3
5.6
5.2
6.0
5.0
40
480
1.0
1.0
2.0
-2.0
2.5
BZX84C6V2T
R4
6.2
5.8
6.6
5.0
10
400
1.0
3.0
4.0
0.4
3.7
BZX84C6V8T
R5
6.8
6.4
7.2
5.0
15
150
1.0
2.0
4.0
1.2
4.5
BZX84C7V5T
R6
7.5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
2.5
5.3
BZX84C8V2T
R7
8.2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
3.2
6.2
BZX84C9V1T
R8
9.1
8.5
9.6
5.0
15
80
1.0
0.5
6.0
3.8
7.0
BZX84C10T
R9
10
9.4
10.6
5.0
20
100
1.0
0.2
7.0
4.5
8.0
BZX84C11T
P1
11
10.4
11.6
5.0
20
150
1.0
0.1
8.0
5.4
9.0
BZX84C12T
P2
12
11.4
12.7
5.0
25
150
1.0
0.1
8.0
6.0
10.0
BZX84C13T
P3
13
12.4
14.1
5.0
30
150
1.0
0.1
8.0
7.0
11.0
BZX84C15T
P4
15
13.8
15.6
5.0
30
170
1.0
0.1
10.5
9.2
13.0
BZX84C16T
P5
16
15.3
17.1
5.0
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18T
P6
18
16.8
19.1
5.0
45
200
1.0
0.1
12.6
12.4
16.0
BZX84C20T
P7
20
18.8
21.2
5.0
55
225
1.0
0.1
14.0
14.4
18.0
BZX84C22T
P8
22
20.8
23.3
5.0
55
225
1.0
0.1
15.4
16.4
20.0
BZX84C24T
P9
24
22.8
25.6
5.0
70
250
1.0
0.1
16.8
18.4
22.0
BZX84C27T
PA
27
25.1
28.9
2.0
80
250
0.5
0.1
18.9
21.4
25.3
BZX84C30T
PB
30.0
28.0
32.0
2.0
80
300
0.5
0.1
21.0
24.4
29.4
BZX84C33T
PC
33.0
31.0
35.0
2.0
80
300
0.5
0.1
23.1
27.4
33.4
BZX84C36T
PD
36.0
34.0
38.0
2.0
90
325
0.5
0.1
25.2
30.4
37.4
BZX84C39T
PE
39.0
37.0
41.0
2.0
130
350
0.5
0.1
27.3
33.4
41.2
Ω
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. f = 1KHz.
(KZX84C2V4T-KZX84C39T)


Similar Part No. - BZX84C4V7T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C4V7T DIODES-BZX84C4V7T Datasheet
63Kb / 3P
   1500W SURFACE MOUNT ZENER DIODE
DS30262 Rev. 4 - 2
BZX84C4V7T DIODES-BZX84C4V7T Datasheet
372Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
BZX84C4V7T DIODES-BZX84C4V7T Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
BZX84C4V7T-7-F DIODES-BZX84C4V7T-7-F Datasheet
372Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
BZX84C4V7TS DIODES-BZX84C4V7TS Datasheet
59Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
More results

Similar Description - BZX84C4V7T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com