Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS1117-1.2 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KS1117-1.2
Description  Low Dropout Linear Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KS1117-1.2 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KS1117-1.2 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KS1117-1.2 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KS1117-1.2 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
IC
Features
Low dropout voltage
Load regulation: 0.2% typic al
Optimized for Low Voltage
On-chip thermal limiting
1 Adj(GND)
2.Vout
3.Vin
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Maximum Input Voltage
Vin
18
V
Power Dissipation
PD
Internally Limited
Operating Junction Temperature Range
TJ
150
Storage Temperature
TST
-65 to +150
Block Diagram
3
Thermal
Shutdown
1
2
Vout
Adj
1.25V
+
+
CURRENT
LIMIT
Vin
+
+
1
GND
(FIXED)
Low Dropout Linear Regulator
KS1117-X.X
Three-terminal adjustable or fixed low drop ou t
1.2V,1.5V,1.8V, 1.9V, 2.5V, 3.3V, 5V. Regulators
0.8A Adjustable/Fixed Low Dropout Linear Regulator


Similar Part No. - KS1117-1.2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KS11R21CBD ITT-KS11R21CBD Datasheet
182Kb / 3P
   Single Pole Key Switches
KS11R21CBE ITT-KS11R21CBE Datasheet
182Kb / 3P
   Single Pole Key Switches
KS11R21CGD ITT-KS11R21CGD Datasheet
182Kb / 3P
   Single Pole Key Switches
KS11R21CGE ITT-KS11R21CGE Datasheet
182Kb / 3P
   Single Pole Key Switches
KS11R21CQD ITT-KS11R21CQD Datasheet
182Kb / 3P
   Single Pole Key Switches
More results

Similar Description - KS1117-1.2

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com