Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B56 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BZT52B56
Description  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BZT52B56 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BZT52B56 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BZT52B56 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BZT52B56 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Zener Diodes
BZT52B Series (KZT52B Series)
Electrical Characteristics Ta = 25℃
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(Ω)
Max
IZK
(mA)
ZZK @ IZK
(Ω)
Max
IR @ VR
(µA)
Max
VR
(Volts)
BZT52B16
16VB
15.68
16
16.32
5
40
1
188
0.045
11.2
BZT52B18
18VB
17.64
18
18.36
5
45
1
212
0.045
12.6
BZT52B20
20VB
19.60
20
20.40
5
55
1
212
0.045
14.0
BZT52B22
22VB
21.56
22
22.44
5
55
1
235
0.045
15.4
BZT52B24
24VB
23.52
24
24.48
5
70
1
235
0.045
16.8
BZT52B27
27VB
26.46
27
27.54
2
80
0.5
282
0.045
18.9
BZT52B30
30VB
29.40
30
30.60
2
80
0.5
282
0.045
21.0
BZT52B33
33VB
32.34
33
33.66
2
80
0.5
306
0.045
23.0
BZT52B36
36VB
35.28
36
36.72
2
90
0.5
329
0.045
25.2
BZT52B39
39VB
38.22
39
39.78
2
130
0.5
329
0.045
27.3
BZT52B43
43VB
42.14
43
43.86
2
150
0.5
353
0.045
30.1
BZT52B47
47VB
46.06
47
47.94
2
170
0.5
353
0.045
33.0
BZT52B51
51VB
49.98
51
52.02
2
180
0.5
376
0.045
35.7
BZT52B56
56VB
54.88
56
57.12
2
200
0.5
400
0.045
39.2
BZT52B62
62VB
60.76
62
63.24
2
215
0.5
423
0.045
43.4
BZT52B68
68VB
66.64
68
69.36
2
240
0.5
447
0.045
47.6
BZT52B75
75VB
73.50
75
76.50
2
255
0.5
470
0.045
52.5
VF Forward Voltage = 900mV Maximum @ IF = 10 mA for all types
Notes:
1.
The Zener Voltage (
VZ) is tested under pulse condition of 10mS.
2.
The device numbers listed have a standard tolerance on the nominal zener voltage of ±2%.
3.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest Tak Cheong Electronics representative.
4.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (
IZT or IZK) is superimposed to IZT or IZK.
Typical Characterisitics


Similar Part No. - BZT52B56

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B56 TSC-BZT52B56 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Shenzhen Taychipst Elec...
BZT52B56 TAYCHIPST-BZT52B56 Datasheet
2Mb / 3P
   Small Signal Diode
logo
Vishay Siliconix
BZT52B56 VISHAY-BZT52B56 Datasheet
121Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 26-Feb-13
BZT52B56 VISHAY-BZT52B56 Datasheet
121Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 26-Feb-13
logo
Taiwan Semiconductor Co...
BZT52B56 TSC-BZT52B56 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
More results

Similar Description - BZT52B56

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com