Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3500TB Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # P3500TB
Description  Thyristor Surge Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

P3500TB Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  P3500TB Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd P3500TB Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd P3500TB Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Thyristor
Features
Low voltage overshoot
Low on-state voltage
Low Capacitance
Does not degrade surge capability after
multiple surge events within limit
Fails short circuit when surged in excess of ratings
1
2
4.597
3.988
5.668
4.925
2.896
2.489
2.126
1.397
4.32
4.12
2.75
2.55
5.87
5.67
2.02
2.22
1.524
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
DO-214AC(SMA)
Unit: mm
1.981
2.438
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Non-Repetitive Peak on-state Current @ 50/60Hz
ITSM
30
Critical Rate of rise of off-state Curent
di/dt
500
A/us
Thermal Resistance Junction to Ambient
RthJA
90
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-40 to 150
Electrical Parameters
Parameter
Definition
IS
Switching Current - maximum current required to switch to
on state
IDRM
Leakage Current - maximum peak off-state current
measured at VDRM
IH
Holding Current - minimum current required to maintain on
state
IT
On-state Current - maximum rated continuous on-state
current
VS
Switching Voltage - maximum voltage prior to switching to
on stat
VDRM
Peak Off-state Voltage - maximum voltage that can be
applied while maintaining off state
VT
On-state Voltage - maximum voltage measured at rated
on-state current
C0
Off-state Capacitance - typical capacitance measured in
off state
IT
IS
IH
IDRM
VT
VDRM
VS
+I
-I
-V
+V
A
Thyristor Surge Suppressors
P0080TB ~ P5000TB


Similar Part No. - P3500TB

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
P3500TB UNSEMI-P3500TB Datasheet
3Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
More results

Similar Description - P3500TB

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P0080SA LUGUANG-P0080SA Datasheet
1Mb / 6P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640L SUNMATE-TB0640L Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Yint Electroni...
PXXXL YINT-PXXXL Datasheet
576Kb / 4P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
P0060SC2 LEIDITECH-P0060SC2 Datasheet
392Kb / 4P
   Thyristor Surge Suppressors
P0300-C2 LEIDITECH-P0300-C2 Datasheet
1Mb / 4P
   Thyristor Surge Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com