Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL2805N15-HF Datasheet(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

Part # WL2805N15-HF
Description  Low Power Consumption, CMOS LDO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

WL2805N15-HF Datasheet(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  WL2805N15-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd WL2805N15-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd WL2805N15-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd WL2805N15-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd WL2805N15-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Type
www.kexin.com.cn
5
IC
Low Power Consumption, CMOS LDO
Typical Characterisitics
PSRR vs. Frequency
PSRR vs. Frequency
10
100
1000
10000
0
10
20
30
40
50
60
70
80
V
IN
=4.0V
V
IN_Ripple =1Vp-p
V
OUT
=3.0V
I
OUT
=10mA
Frequency (Hz)
10
100
1000
10000
0
10
20
30
40
50
60
70
80
V
IN
=4.3V
V
IN_Ripple =1Vp-p
V
OUT
=3.3V
I
OUT
=10mA
Frequency (Hz)
WL2805N Series -HF


Similar Part No. - WL2805N15-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
WL2805N15-HF KEXIN-WL2805N15-HF Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results

Similar Description - WL2805N15-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
WL2805N-HF-3 KEXIN-WL2805N-HF-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
logo
Will Semiconductor Ltd.
WL2815 WILLSEMI-WL2815 Datasheet
889Kb / 9P
   Low power consumption, CMOS LDO
WL2805 WILLSEMI-WL2805 Datasheet
1Mb / 9P
   Low power consumption, CMOS LDO
logo
Guangdong Kexin Industr...
WL2805N KEXIN-WL2805N Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
logo
Leshan Radio Company
LR7530 LRC-LR7530 Datasheet
209Kb / 9P
   100mA CMOS Low Power LDO Low power consumption
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
   Low Power Consumption LDO
logo
ACE Technology Co., LTD...
ACE5017T ACE-ACE5017T Datasheet
857Kb / 8P
   300mA Ultra Low Consumption CMOS LDO
VER 1.2
ACE5013T ACE-ACE5013T Datasheet
574Kb / 8P
   300mA, Low Consumption Low Dropout, CMOS LDO
VER 1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com