Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL2805N18-HF Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # WL2805N18-HF
Description  Low Power Consumption, CMOS LDO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

WL2805N18-HF Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  WL2805N18-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd WL2805N18-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd WL2805N18-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd WL2805N18-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd WL2805N18-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Type
www.kexin.com.cn
3
IC
Low Power Consumption, CMOS LDO
Typical Characterisitics
Quiescent Current vs. Input Voltage
Output Voltage vs. Input Voltage
Dropout Voltage vs. Output Current
Quiescent Current vs. Input Voltage
Output Voltage vs. Input Voltage
Dropout Voltage vs. Output Current
0
1
2
3
4
5
6
0
3
6
9
12
15
V
OUT=3.0V
Input Voltage (V)
0
1
2
3
4
5
6
0
3
6
9
12
15
Input Voltage (V)
V
OUT=3.3V
0
1
2
3
4
5
6
0
1
2
3
4
5
V
OUT=3.0V
I
OUT=100mA
Input Voltage (V)
0
1
2
3
4
5
6
0
1
2
3
4
5
V
OUT=3.3V
I
OUT=100mA
Input Voltage (V)
0
50
100
150
200
250
300
0
50
100
150
200
250
300
V
OUT=3.0V
Output Current (mA)
0
50
100
150
200
250
300
0
50
100
150
200
250
300
V
OUT=3.3V
Output Current (mA)
WL2805N Series -HF


Similar Part No. - WL2805N18-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
WL2805N18-HF KEXIN-WL2805N18-HF Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results

Similar Description - WL2805N18-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
WL2805N-HF-3 KEXIN-WL2805N-HF-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
logo
Will Semiconductor Ltd.
WL2815 WILLSEMI-WL2815 Datasheet
889Kb / 9P
   Low power consumption, CMOS LDO
WL2805 WILLSEMI-WL2805 Datasheet
1Mb / 9P
   Low power consumption, CMOS LDO
logo
Guangdong Kexin Industr...
WL2805N KEXIN-WL2805N Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
logo
Leshan Radio Company
LR7530 LRC-LR7530 Datasheet
209Kb / 9P
   100mA CMOS Low Power LDO Low power consumption
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
   Low Power Consumption LDO
logo
ACE Technology Co., LTD...
ACE5017T ACE-ACE5017T Datasheet
857Kb / 8P
   300mA Ultra Low Consumption CMOS LDO
VER 1.2
ACE5013T ACE-ACE5013T Datasheet
574Kb / 8P
   300mA, Low Consumption Low Dropout, CMOS LDO
VER 1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com