Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZM43N Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # PZM43N
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

PZM43N Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  PZM43N Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd PZM43N Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd PZM43N Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd PZM43N Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd PZM43N Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Electrical Characteristics Ta = 25℃
Parameter
Test Conditions
Min Typ Max Unit
IF= 10 mA
0.9
IF= 100 mA
1.1
PZM2.4N
50
PZM2.7N
20
PZM3.0N
10
PZM3.3N
5
PZM3.6N
5
PZM3.9N
3
PZM4.3N
3
PZM4.7N
3
PZM5.1N
VR=1.5V
3
PZM5.6N
VR=2.5V
2
PZM6.2N
VR=3.0V
2
PZM6.8N
VR=3.5 V
2
PZM7.5N
VR=4.0 V
1
PZM8.2N
VR=5.0 V
700
PZM9.1N
VR=6.0 V
500
PZM10N
VR=7.0 V
200
PZM11N
VR=8 .0V
100
PZM12N
VR=9.0 V
100
PZM13N
VR=10 V
100
PZM15N
VR=11 V
70
PZM16N
VR=12 V
70
PZM18N
VR=13 V
70
PZM20N
VR=15 V
70
PZM22N
VR=17 V
70
PZM24N
VR=19 V
70
PZM27N
VR=21 V
70
PZM30N
VR=23 V
70
PZM33N
VR=25 V
70
PZM36N
VR=27 V
70
PZM39N
50
PZM43N
50
PZM47N
50
PZM51N
50
PZM56N
50
PZM62N
50
PZM68N
50
PZM75N
50
VR=1 V
Forward voltage
VF
V
VR=0.7 Vznom
uA
nA
Symbol
IR
Reverse voltage leakage current
PZM-N Series (KZM-N Series)


Similar Part No. - PZM43N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZM43N PHILIPS-PZM43N Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
PZM43NB PHILIPS-PZM43NB Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
More results

Similar Description - PZM43N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com