Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE200CA Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # P6KE200CA
Description  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

P6KE200CA Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  P6KE200CA Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd P6KE200CA Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd P6KE200CA Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIP Type
www.kexin.com.cn
1
Diodes
Zener Diodes
P6KE6.8CA ~ P6KE200CA
(K6KE6.8CA ~ K6KE200CA)
Features
Working Peak Reverse Voltage Range − 5.8 to 171 V
Peak Power − 600 W @ 1 ms
ESD Rating of class 3 (>16 KV) per Human Body Model
Low Leakage < 5uA above 10 V
Maximum Clamp Voltage @ Peak Pulse Current
DO-15
Dimensions in inches and (millimeters)
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Peak Power Dissipation
PPK
600
Steady State Power Dissipation
@ TL ≤ 75°C, Lead Length = 3/8″
Derated above TL = 75°C
50
mW/℃
Thermal Resistance Junction to Lead
RθJL
20
/W
Junction Temperature
TJ
175
Storage Temperature range
Tstg
-55 to 175
PD
5
W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
VBR
Maximum Temperature Variation of VBR
Bi−Directional TVS
IPP
IPP
V
I
IR
IT
IT
IR
VRWM
VC VBR
VRWM
VC
VBR
Absolute Maximum Ratings Ta = 25℃


Similar Part No. - P6KE200CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6KE200CA SUNMATE-P6KE200CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Pan Jit International I...
P6KE200CA PANJIT-P6KE200CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
SeCoS Halbleitertechnol...
P6KE200CA SECOS-P6KE200CA Datasheet
110Kb / 3P
   Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
logo
Diodes Incorporated
P6KE200CA DIODES-P6KE200CA Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
Yea Shin Technology Co....
P6KE200CA YEASHIN-P6KE200CA Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE200CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com