Electronic Components Datasheet Search |
|
RHRG15120CC Datasheet(PDF) 1 Page - Intersil Corporation |
|
RHRG15120CC Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 4 page 1 RHRG15120CC 15A, 1200V Hyperfast Dual Diode The RHRG15120CC is a hyperfast dual diode with soft recovery characteristics (trr < 65ns). It has half the recovery time of ultrafast diodes and is of silicon nitride passivated ion-implanted epitaxial planar construction. This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors. Formerly developmental type TA49098. Symbol Features • Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . < 65ns • Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC • Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V • Avalanche Energy Rated • Planar Construction Applications • Switching Power Supplies • Power Switching Circuits • General Purpose Packaging JEDEC STYLE TO-247 Ordering Information PART NUMBER PACKAGE BRAND RHRG15120CC TO-247 RHR15120C NOTE: When ordering, use the entire part number. K A1 A2 CATHODE (BOTTOM SIDE ANODE 1 CATHODE ANODE 2 METAL) Absolute Maximum Ratings (Per Leg) TC = 25oC, Unless Otherwise Specified RHRG15120CC UNITS Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM 1200 V Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM 1200 V DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR 1200 V Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IF(AV) (TC = 140 oC) 15 A Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM (Square Wave, 20kHz) 30 A Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM (Halfwave, 1 Phase, 60Hz) 200 A Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD 100 W Avalanche Energy (See Figures 10 and 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL 20 mJ Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ -65 to 175 oC Data Sheet January 2000 File Number 3686.2 1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 2000 |
Similar Part No. - RHRG15120CC |
|
Similar Description - RHRG15120CC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |