Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRG1560 Datasheet(PDF) 4 Page - Intersil Corporation

Part # RHRG1560
Description  15A, 400V - 600V Hyperfast Dual Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHRG1560 Datasheet(HTML) 4 Page - Intersil Corporation

  RHRG1560 Datasheet HTML 1Page - Intersil Corporation RHRG1560 Datasheet HTML 2Page - Intersil Corporation RHRG1560 Datasheet HTML 3Page - Intersil Corporation RHRG1560 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Test Circuits and Waveforms
FIGURE 8. trr TEST CIRCUIT
FIGURE 9. trr WAVEFORMS AND DEFINITIONS
FIGURE 10. AVALANCHE ENERGY TEST CIRCUIT
FIGURE 11. AVALANCHE CURRENT AND VOLTAGE
WAVEFORMS
RG
L
VDD
IGBT
CURRENT
SENSE
DUT
VGE
t1
t2
VGE AMPLITUDE AND
t1 AND t2 CONTROL IF
RG CONTROL dIF/dt
+
-
dt
dIF
IF
trr
ta
tb
0
IRM
0.25 IRM
DUT
CURRENT
SENSE
+
LR
VDD
R < 0.1
EAVL = 1/2LI
2 [V
R(AVL)/(VR(AVL) - VDD)]
Q1 = IGBT (BVCES > DUT VR(AVL))
-
VDD
Q1
IMAX = 1A
L = 40mH
IV
t0
t1
t2
IL
VAVL
t
IL
RHRG1540CC, RHRG1560CC


Similar Part No. - RHRG1560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG1560 FAIRCHILD-RHRG1560 Datasheet
358Kb / 5P
   15A, 400V - 600V Hyperfast Dual Diodes
RHRG1560 FAIRCHILD-RHRG1560 Datasheet
399Kb / 6P
   15A, 600V Hyperfast Rectifier
RHRG1560CC FAIRCHILD-RHRG1560CC Datasheet
358Kb / 5P
   15A, 400V - 600V Hyperfast Dual Diodes
RHRG1560CC FAIRCHILD-RHRG1560CC Datasheet
383Kb / 6P
   15A, 600V Hyperfast Rectifier
RHRG1560CC_F085 FAIRCHILD-RHRG1560CC_F085 Datasheet
383Kb / 6P
   15A, 600V Hyperfast Rectifier
More results

Similar Description - RHRG1560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG1540CC FAIRCHILD-RHRG1540CC Datasheet
358Kb / 5P
   15A, 400V - 600V Hyperfast Dual Diodes
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
RHRP1540 FAIRCHILD-RHRP1540 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG3040CC FAIRCHILD-RHRG3040CC Datasheet
339Kb / 5P
   30A, 400V - 600V Hyperfast Dual Diodes
logo
Intersil Corporation
RHRD440CC INTERSIL-RHRD440CC Datasheet
50Kb / 4P
   4A, 400V - 600V Hyperfast Dual Diodes
RHRP640CC INTERSIL-RHRP640CC Datasheet
82Kb / 5P
   6A, 400V - 600V Hyperfast Dual Diodes
RHRG3040CC INTERSIL-RHRG3040CC Datasheet
47Kb / 4P
   30A, 400V - 600V Hyperfast Dual Diodes
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
   15A, 400V - 600V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURG1540CC FAIRCHILD-RURG1540CC Datasheet
340Kb / 4P
   15A, 400V - 600V Ultrafast Dual Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com