Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRP15120 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RHRP15120
Description  15A, 1200V Hyperfast Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHRP15120 Datasheet(HTML) 3 Page - Intersil Corporation

  RHRP15120 Datasheet HTML 1Page - Intersil Corporation RHRP15120 Datasheet HTML 2Page - Intersil Corporation RHRP15120 Datasheet HTML 3Page - Intersil Corporation RHRP15120 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FIGURE 3. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 4. trr,ta AND tb CURVES vs FORWARD CURRENT
FIGURE 5. trr,ta AND tb CURVES vs FORWARD CURRENT
FIGURE 6. CURRENT DERATING CURVE
FIGURE 7. JUNCTION CAPACITANCE vs REVERSE VOLTAGE
Typical Performance Curves (Continued)
IF, FORWARD CURRENT (A)
0.5
0
30
15
15
1
45
75
10
60
5
trr
ta
TC = 25
oC, dI
F/dt = 100A/µs
tb
IF, FORWARD CURRENT (A)
0.5
0
50
25
15
1
75
150
10
tb
5
trr
ta
125
100
TC = 100
oC, dI
F/dt = 100A/µs
IF, FORWARD CURRENT (A)
0.5
0
50
15
1
200
10
5
trr
ta
100
150
tb
TC = 175
oC, dI
F/dt = 100A/µs
15
3
0
100
115
145
175
160
6
9
12
TC, CASE TEMPERATURE (
oC)
130
DC
SQ. WAVE
VR, REVERSE VOLTAGE (V)
25
175
0
50
0
50
100
150
200
75
100
125
150
RHRP15120


Similar Part No. - RHRP15120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP15120 FAIRCHILD-RHRP15120 Datasheet
347Kb / 5P
   15A, 1200V Hyperfast Diode
logo
Thinki Semiconductor Co...
RHRP15120 THINKISEMI-RHRP15120 Datasheet
496Kb / 3P
   15 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
RHRP15120 ISC-RHRP15120 Datasheet
312Kb / 2P
   Ultra fast Rectifier
More results

Similar Description - RHRP15120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP15120 FAIRCHILD-RHRP15120 Datasheet
347Kb / 5P
   15A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG15120CC INTERSIL-RHRG15120CC Datasheet
49Kb / 4P
   15A, 1200V Hyperfast Dual Diode
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
   8A, 1200V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG30120 FAIRCHILD-RHRG30120 Datasheet
74Kb / 4P
   30A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG50120 INTERSIL-RHRG50120 Datasheet
14Kb / 2P
   50A, 1200V Hyperfast Diode
RHRU50120 INTERSIL-RHRU50120 Datasheet
59Kb / 4P
   50A, 1200V Hyperfast Diode
RHRG30120 INTERSIL-RHRG30120 Datasheet
31Kb / 3P
   30A, 1200V Hyperfast Diode
RHRU100120 INTERSIL-RHRU100120 Datasheet
40Kb / 3P
   100A, 1200V Hyperfast Diode
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
   75A, 1200V Hyperfast Diode
RHRP15100 INTERSIL-RHRP15100 Datasheet
54Kb / 4P
   15A, 1000V Hyperfast Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com