Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRG75100 Datasheet(PDF) 4 Page - Intersil Corporation

Part # RHRG75100
Description  75A, 700V - 1000V Hyperfast Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHRG75100 Datasheet(HTML) 4 Page - Intersil Corporation

  RHRG75100 Datasheet HTML 1Page - Intersil Corporation RHRG75100 Datasheet HTML 2Page - Intersil Corporation RHRG75100 Datasheet HTML 3Page - Intersil Corporation RHRG75100 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
FIGURE 9. TYPICAL JUNCTION CAPACITANCE vs REVERSE VOLTAGE
Test Circuit and Waveforms
FIGURE 10. AVALANCHE ENERGY TEST CIRCUIT
FIGURE 11. AVALANCHE CURRENT AND VOLTAGE WAVE-
FORMS
Typical Performance Curves (Continued)
VR, REVERSE VOLTAGE (V)
100
500
0
200
0
50
100
150
200
400
300
600
700
800
12V
Q2
Q1
12V
130
DUT
CURRENT
SENSE
+
L
R
1M
VDD
130
IMAX = 1A
L = 40mH
R < 0.1
EAVL = 1/2LI
2 [VAVL/(VAVL - VDD)]
Q1 AND Q2 ARE 1000V MOSFETs
-
VDD
IV
t0
t1
t2
IL
VAVL
t
IL
RHRG7570, RHRG7580, RHRG7590, RHRG75100


Similar Part No. - RHRG75100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
   75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
   75A, 1200V Hyperfast Diode
logo
Inchange Semiconductor ...
RHRG75120 ISC-RHRG75120 Datasheet
283Kb / 2P
   Ultra fast Rectifier
More results

Similar Description - RHRG75100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRU7570 INTERSIL-RHRU7570 Datasheet
60Kb / 4P
   75A, 700V - 1000V Hyperfast Diodes
RHRU5070 INTERSIL-RHRU5070 Datasheet
56Kb / 4P
   50A, 700V - 1000V Hyperfast Diodes
RHRU7540 INTERSIL-RHRU7540 Datasheet
60Kb / 4P
   75A, 400V - 600V Hyperfast Diodes
RURU15070 INTERSIL-RURU15070 Datasheet
48Kb / 4P
   150A, 700V - 1000V Ultrafast Diodes
RHRU15090 INTERSIL-RHRU15090 Datasheet
39Kb / 3P
   150A, 900V - 1000V Hyperfast Diodes
RURG3070CC INTERSIL-RURG3070CC Datasheet
31Kb / 3P
   30A, 700V - 1000V Ultrafast Dual Diodes
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
   75A, 1200V Hyperfast Diode
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
   75A, 1200V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
   75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG7560 INTERSIL-RHRG7560 Datasheet
46Kb / 4P
   75A, 600V Hyperfast Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com