Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER301G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # HER301G
Description  Glass Passivated High Efficiency Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

HER301G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  HER301G_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH HER301G_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
HER301G ~ HER307G
Voltage 50 ~ 1000 V
3 A, Glass Passivated High Efficiency Rectifiers
02-Sep-2014 Rev. E
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
High speed switching
PACKAGING INFORMATION
Glass Passivated
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 1.195 grams (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
Part Number
Parameter
Symbol
HER
301G
HER
302G
HER
303G
HER
304G
HER
305G
HER
306G
HER
307G
Unit
Recurrent Reverse Voltage (Max.)
VRRM
50
100
200
400
600
800
1000
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
560
700
V
DC Blocking Voltage (Max.)
VDC
50
100
200
400
600
800
1000
V
Instantaneous Forward Voltage (Max.)@ IF = 3A
VF
1
1.3
1.7
V
Average Forward Rectified Current (Max.)
IO
3.0
A
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load(JEDEC
method)
IFSM
125
A
TA=25°C
10.0
DC Reverse Current (Max.)
TA=100°C
IR
200
A
Reverse Recovery Time (Max.)
TRR
50
75
nS
Junction Capacitance (Typ.)
CJ
80
50
pF
Typical thermal resistance
RJA
20
°C /W
Typical Thermal Resistance
RJL
5.6
°C /W
Storage Temperature Range
TSTG
-55 ~ 150
°C
Note:
1.
IF=0.5A, IR=1.0A, IRR=0.25A
2.
f=1MHz and applied 4V DC reverse voltage
3.
Thermal Resistance Junction to Ambient and from Junction to Lead at 0.375’’(9.5mm) Lead Length P.C.B. Mounted.
DO-27
A
C
B
A
D
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
7.20
9.53
C
4.80
5.60
D
1.10
1.32


Similar Part No. - HER301G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HER301G LRC-HER301G_15 Datasheet
295Kb / 7P
   Glass Passivated Junction
logo
Rugao Dachang Electroni...
HER301G DACHANG-HER301G_15 Datasheet
157Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
GOOD-ARK Electronics
HER301G GOOD-ARK-HER301G_15 Datasheet
187Kb / 2P
   Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
More results

Similar Description - HER301G_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER201G SECOS-HER201G Datasheet
151Kb / 2P
   Glass Passivated High Efficiency Rectifiers
logo
Marl International Limi...
CUR801 MARL-CUR801_15 Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
HER801 HY-HER801_17 Datasheet
144Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HERF801 HY-HERF801_17 Datasheet
140Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HERF1601 HY-HERF1601_17 Datasheet
140Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HER20XG HY-HER20XG Datasheet
419Kb / 3P
   High Efficiency Glass Passivated Rectifiers
HER1601 HY-HER1601 Datasheet
94Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HER30XG HY-HER30XG Datasheet
426Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
Unisonic Technologies
HER504G UTC-HER504G Datasheet
154Kb / 4P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com