Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8412FPCZ-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # DAC8412FPCZ-REEL
Description  Quad, 12-Bit DAC Voltage Output with Readback
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412FPCZ-REEL Datasheet(HTML) 5 Page - Analog Devices

  DAC8412FPCZ-REEL Datasheet HTML 1Page - Analog Devices DAC8412FPCZ-REEL Datasheet HTML 2Page - Analog Devices DAC8412FPCZ-REEL Datasheet HTML 3Page - Analog Devices DAC8412FPCZ-REEL Datasheet HTML 4Page - Analog Devices DAC8412FPCZ-REEL Datasheet HTML 5Page - Analog Devices DAC8412FPCZ-REEL Datasheet HTML 6Page - Analog Devices DAC8412FPCZ-REEL Datasheet HTML 7Page - Analog Devices DAC8412FPCZ-REEL Datasheet HTML 8Page - Analog Devices DAC8412FPCZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
DAC8412/DAC8413
Rev. G | Page 5 of 20
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Write Data Setup
tWDS
tWCS = 150 ns
20
ns
Write Data Hold
tWDH
tWCS = 150 ns
0
ns
Load Data Pulse Width
tLDW
180
ns
Reset Pulse Width
tRESET
150
ns
Chip Select Read Pulse Width
tRCS
170
ns
Read Data Hold
tRDH
tRCS = 170 ns
20
ns
Read Data Setup
tRDS
tRCS = 170 ns
0
ns
Data to High-Z
tDZ
CL = 10 pF
200
ns
Chip Select to Data
tCSD
CL = 100 pF
320
ns
SUPPLY CHARACTERISTICS
Power Supply Sensitivity
PSS
100
ppm/V
Positive Supply Current
IDD
7
12
mA
Negative Supply Current
ISS
VSS = −5.0 V
−10
mA
Power Dissipation
PDISS
VSS = 0 V
60
mW
VSS = −5.0 V
110
mW
1 All supplies can be varied ±5%, and operation is guaranteed. Device is tested with VDD = 4.75 V.
2 For single-supply operation only (VREFL = 0.0 V, VSS = 0.0 V). Due to internal offset errors, INL and DNL are measured beginning at 0x005.
3 Operation is guaranteed over this reference range, but linearity is neither tested nor guaranteed.
4 All parameters are guaranteed by design.
5 All input control signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
CS
A0/A1
tRDS
tRCS
tRDH
tAS
tAH
tDZ
tCSD
R/W
DATA
OUT
DATA VALID
HIGH-Z
HIGH-Z
Figure 3. Data Output (Read Timing)
A0/A1
RESET
LDAC
tWCS
R/W
CS
DATA IN
tWS
tWH
tAS
tAH
tLS
tLH
tWDH
tWDS
tLDW
tRESET
Figure 4. Data Write (Input and Output Registers) Timing


Similar Part No. - DAC8412FPCZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8412FPCZ-REEL AD-DAC8412FPCZ-REEL Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412FPCZ-REEL AD-DAC8412FPCZ-REEL Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412FPCZ-REEL AD-DAC8412FPCZ-REEL Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
More results

Similar Description - DAC8412FPCZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8412 AD-DAC8412 Datasheet
443Kb / 14P
   Quad, 12-Bit DAC Voltage Output with Readback
REV. D
DAC8412FPCZ AD-DAC8412FPCZ Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8413 AD-DAC8413_15 Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
logo
Linear Technology
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
logo
Linear Technology
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
logo
Analog Devices
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com