Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC3876 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # KTC3876
Description  NPN Plastic Encapsulated Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KTC3876 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  KTC3876_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KTC3876_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KTC3876
0.5A , 35V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
15-Jul-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - KTC3876_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTC3876 KEXIN-KTC3876_15 Datasheet
405Kb / 1P
   NPN Transistors
More results

Similar Description - KTC3876_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D882S SECOS-D882S Datasheet
214Kb / 2P
   NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
   NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
   NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
   NPN Plastic Encapsulated Transistor
2SD1468S SECOS-2SD1468S Datasheet
52Kb / 1P
   NPN Plastic-Encapsulated Transistor
BD135 SECOS-BD135 Datasheet
85Kb / 2P
   NPN Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com