Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7765EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-AD7765EBZ
Description  Evaluation Board for AD7764/AD7765 using
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7765EBZ Datasheet(HTML) 3 Page - Analog Devices

  EVAL-AD7765EBZ_15 Datasheet HTML 1Page - Analog Devices EVAL-AD7765EBZ_15 Datasheet HTML 2Page - Analog Devices EVAL-AD7765EBZ_15 Datasheet HTML 3Page - Analog Devices EVAL-AD7765EBZ_15 Datasheet HTML 4Page - Analog Devices EVAL-AD7765EBZ_15 Datasheet HTML 5Page - Analog Devices EVAL-AD7765EBZ_15 Datasheet HTML 6Page - Analog Devices EVAL-AD7765EBZ_15 Datasheet HTML 7Page - Analog Devices EVAL-AD7765EBZ_15 Datasheet HTML 8Page - Analog Devices EVAL-AD7765EBZ_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Preliminary Technical Data
EVAL-AD7764/AD7765EDZ
Rev. PrC | Page 3 of 23
HARDWARE DESCRIPTION
POWER SUPPLIES
The EVAL-AD7764/5EDZ must be powered using a power supply
that applies a 7.5 V between the V+ and GND terminals of
Connector J2.
This 7.5 V supply is then regulated on board using ADP3330-
2.5 ADP3330-5 devices (U5 and U3) to provide the 2.5 V and 5 V
signals required by the AD7764/AD7765 device.
A filter path of the 2.5 V supply is used to power other digital
functionality on the EVAL-AD7764/AD7765EDZ excluding the
AD7764/AD7765 device. A separately filtered 5 V supply also
supplies the crystal oscillator on the EVAL-AD7764/AD7765EDZ.
The crystal oscillator is provided for customers that wish to use the
device in a stand-alone manner where they wish to provide and
acquire the digital signals going to and from the AD7764/5 device.
For this case, the user may apply the MCLK sourced from the
crystal oscillator. Note that in the default mode the AD7764/5
evaluation board is set up so that the EVAL-CED1Z board
provides the MCLK signal to the ADC as well as providing and
acquiring all other digital signals for the evaluation system.
DIFFERENTIAL INPUT
The differential input to the AD7764/AD7765 device is applied
through the connector marked J1. This is an XLR audio
standard connector. The differential inputs are routed through
the AD7764/AD7765 on-board differential amplifier using the
external circuit components as detailed in the schematic as shown
in this technical note and the AD7764/AD7765 data sheets.
REFERENCE CIRCUIT
The AD7764/5 evaluation board uses the low noise ADR444
(4.096V) reference to supply the ADC. See Gerber files on
AD7764/5 product pages on www.analog.com for details on the
layout and configuration for this reference supply.
STANDALONE OPERATION
The EVAL-AD7764/AD7765EDZ can be used in a standalone
manner (that is, without using the EVAL-CED1Z). In this case,
however, the user must provide all the required interface com-
munications and be able to provide a means to acquire the output.
SMB footprints, allow for external MCLK, SYNC, RESET and
Decimation rate signals to be applied to the AD7764/65 device. All
other digital signals are accessible either from the 34-pin header
(J4) or from the marked test points on the evaluation board.
DECOUPLING AND LAYOUT RECOMMENDATIONS
The data sheets of the AD7764/AD7765 devices contain specific
information about the decoupling and layout recommendations
required to achieve the optimum specifications.
The EVAL-AD7764/AD7765EDZ adheres to these recom-
mendations and is designed as the blueprint for users of the
AD7764/Ad7765 devices.
The EVAL-AD7764/AD7765EDZ are 4-layer boards. One layer
is a dedicated ground plane. All supplies to devices on the
EVAL-AD7764/AD7765EDZ are decoupled to this ground
plane. In addition to the PCB’s top and bottom layers, there is
also a layer for routing power signals. All layers of the board are
detailed in the Evaluation Board Schematic and Artwork
section.


Similar Part No. - EVAL-AD7765EBZ_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7765EBZ AD-EVAL-AD7765EBZ Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
More results

Similar Description - EVAL-AD7765EBZ_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7764 AD-EVAL-AD7764_15 Datasheet
2Mb / 23P
   Evaluation Board for AD7764/AD7765 using
logo
NXP Semiconductors
AN11231 NXP-AN11231 Datasheet
604Kb / 18P
   KNX evaluation board using LPC1227 and NCN5120
Rev. 1-1 July 2012
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
   Evaluation Board for CS4361
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
   Evaluation Board for CS4352
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
   EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
   Evaluation Board for G
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com