Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7997 Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-AD7997
Description  Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7997 Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-AD7997_15 Datasheet HTML 3Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 4Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 5Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 6Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 7Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 8Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 9Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 10Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EVAL-AD7997EBZ/AD7998EBZ
Rev. 0 | Page 7 of 12
MAIN WINDOW
The upper and left portion of the evaluation board window
contains a menu bar and controls. The middle-right and
bottom-right portions contain digital storage oscilloscopes
(DSOs).
Menu Bar
The menu bar (not visible in Figure 2) consists of the File and
About
menus.
File Menu
Print front Panel.
Prints front panel on active printer.
Save as Picture.
Saves front panel as a .jpg file.
Exit.
Exits the program.
About Menu
Analog.com.
Opens Analog Devices Web page.
Software Version.
Displays information about the current
version of the software.
Controls
The controls include control buttons, list boxes, and indicators.
Sample.
Samples selected channels.
Continuous.
Repeats the sampling process.
Limit.
Opens window to configure limit registers (Channel 1 only).
Sweep.
Starts the sweep function.
LEDs (CH1, CH2, … CH8).
Selects the input channel of the
AD7997/AD7998. When more than one channel is selected, the
AD7997/AD7998 work in sequence mode.
Load Firmware.
Loads the firmware to the Cypress USB device.
Temperature.
Enables temperature measurements.
Potentiometer Value Selector (Pot 1/Pot 2).
Changes the value
of the selected digital potentiometer.
Codes/Volts
. Determines whether data is displayed in codes
or volts.
Exit.
Exits the program.
Alert LED.
Indicates if an alert occurred (Channel 1 only).
Ref – VDD – 5V
. Selects reference voltage source (power
supply voltage or AD780).
2.5V/3V.
Changes the value of the external reference voltage
(AD780).
Clear Charts.
Clears the charts displayed.
Autoscale On/Autoscale Off.
Click this button to turn the
autoscale feature on or off.
Alert.
Shows limits on the upper digital storage oscilloscope.
Channel 1/Channel 2/…/Channel 8.
Selects the input channel
of the AD7797/AD7798 for the sweep function.
Digital Storage Oscilloscopes
The middle portion of the evaluation board window displays
a waveform. When samples are uploaded from the evaluation
board, they are displayed here. At the bottom left of the upper
DSO are zoom options that allow you to zoom in and out while
viewing a sample. To the left of this DSO, information about the
sample taken is displayed, such as measured values in codes and
in volts.
The lower portion of the main window displays a waveform
of the sweep function. At the bottom left of the lower DSO
are zoom options that allow you to zoom in and out while
viewing a sample. To the right of the DSO, information about
the sample taken and the value of each point of sweep function
is displayed.
Taking Samples
During the sweep function, 256 samples are taken directly
from the digital potentiometer output. The output of the digital
potentiometer is incremented by 1, from 0 to 255, and for each
increment, the AD7997/AD7998 take a sample. After the
measurement, all 256 values are displayed on the digital storage
oscilloscope in the lower portion of the main window (see
Figure 2).
To instruct the AD7997/AD7998 to take samples click either
Sample
or Continuous.
Click Sample to perform one conversion. The result is
uploaded and displayed.
Click Continuous to start taking samples. When
Continuous
is selected, other controls can be changed.


Similar Part No. - EVAL-AD7997_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7991EBZ AD-EVAL-AD7991EBZ Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
EVAL-AD7992CB AD-EVAL-AD7992CB Datasheet
934Kb / 28P
   2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
EVAL-AD7992CB AD-EVAL-AD7992CB Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
EVAL-AD7992 AD-EVAL-AD7992_15 Datasheet
465Kb / 12P
   Evaluation Board for the 2-Channel, 12-Bit ADC with I2C-Compatible Interface
EVAL-AD7993CB AD-EVAL-AD7993CB Datasheet
693Kb / 32P
   4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. 0
More results

Similar Description - EVAL-AD7997_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7998 AD-EVAL-AD7998_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
EVAL-AD7992 AD-EVAL-AD7992_15 Datasheet
465Kb / 12P
   Evaluation Board for the 2-Channel, 12-Bit ADC with I2C-Compatible Interface
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
logo
Analog Devices
AD7991 AD-AD7991_09 Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7992 AD-AD7992 Datasheet
266Kb / 21P
   2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
REV. PrH 09/03
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
AD7992 AD-AD7992_05 Datasheet
934Kb / 28P
   2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
logo
Texas Instruments
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
logo
Analog Devices
EVAL-AD7475 AD-EVAL-AD7475 Datasheet
537Kb / 13P
   Evaluation Board for 1MSPS, 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com