Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7997 Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-AD7997
Description  Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7997 Datasheet(HTML) 1 Page - Analog Devices

  EVAL-AD7997_15 Datasheet HTML 1Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 2Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 3Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 4Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 5Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 6Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 7Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 8Page - Analog Devices EVAL-AD7997_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Evaluation Board for the 8-Channel,
10-/12-Bit ADC with I2C-Compatible Interface
EVAL-AD7997EBZ/AD7998EBZ
Rev. 0
Evaluation boards are only intended for device evaluation and not for production purposes.
Evaluation boards are supplied “as is” and without warranties of any kind, express, implied, or
statutory including, but not limited to, any implied warranty of merchantability or fitness for a
particular purpose. No license is granted by implication or otherwise under any patents or other
intellectual property by application or use of evaluation boards. Information furnished by Analog
Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devicesforitsuse,norforanyinfringementsofpatentsorotherrightsofthirdpartiesthatmayresult
from its use. Analog Devices reserves the right to change devices or specifications at any time
without notice.Trademarks and registered trademarks are the property of their respective owners.
Evaluationboardsarenotauthorizedtobeusedinlifesupportdevicesorsystems.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Full-featured evaluation board for the AD7997/AD7998
PC software for control and measurement of the
AD7997/AD7998
USB interface (cable provided)
Various linking options
GENERAL DESCRIPTION
This data sheet describes the evaluation board for testing the
AD7997/AD7998 devices. These devices are 10-/12-bit, low
power, successive approximation analog-to-digital converters
(ADCs) with an I2C-compatible interface. The parts operate
from a single 2.7 V to 5.5 V power supply and features a 2 μs
conver-sion time.
The AD7997/AD7998 contain an 8-channel multiplexer and
track-and-hold amplifier that can handle input frequencies of up
to 11 MHz.
Full details on these devices are provided in the AD7997/
AD7998 data sheet available from Analog Devices, Inc., which
should be consulted in conjunction with this data sheet.
On-board components for the EVAL-AD7997/AD7998 include
two AD5245 digital potentiometers, eight AD8691 operational
amplifiers, one AD780 (a pin programmable 2.5 V or 3 V ultra-
high precision band gap reference), and one TMP37 precision
temperature sensor.
The available link options are described in Table 2 and Table 3.
FUNCTIONAL BLOCK DIAGRAM
TMP37
POT2
AN3
POT1
AN0
POT2
AN1
POT1
AN2
POT1
AN4
POT2
AN5
POT1
AN6
POT2
AN7
VIN4VIN1VIN2VIN3VIN5VIN6VIN7VIN8
REFIN
SDA
SCL
AD780
AD7997/AD7998
SDA
SCL
CYPRESS
USB
USB
J1
EVAL-AD7997EBZ/AD7998EBZ
J3
J2
Figure 1.


Similar Part No. - EVAL-AD7997_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7991EBZ AD-EVAL-AD7991EBZ Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
EVAL-AD7992CB AD-EVAL-AD7992CB Datasheet
934Kb / 28P
   2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
EVAL-AD7992CB AD-EVAL-AD7992CB Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
EVAL-AD7992 AD-EVAL-AD7992_15 Datasheet
465Kb / 12P
   Evaluation Board for the 2-Channel, 12-Bit ADC with I2C-Compatible Interface
EVAL-AD7993CB AD-EVAL-AD7993CB Datasheet
693Kb / 32P
   4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. 0
More results

Similar Description - EVAL-AD7997_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7998 AD-EVAL-AD7998_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
EVAL-AD7992 AD-EVAL-AD7992_15 Datasheet
465Kb / 12P
   Evaluation Board for the 2-Channel, 12-Bit ADC with I2C-Compatible Interface
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
logo
Analog Devices
AD7991 AD-AD7991_09 Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7992 AD-AD7992 Datasheet
266Kb / 21P
   2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
REV. PrH 09/03
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
AD7992 AD-AD7992_05 Datasheet
934Kb / 28P
   2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
logo
Texas Instruments
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
logo
Analog Devices
EVAL-AD7475 AD-EVAL-AD7475 Datasheet
537Kb / 13P
   Evaluation Board for 1MSPS, 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com