Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8100GR-E2 Datasheet(PDF) 7 Page - NEC

Part # UPC8100GR-E2
Description  SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8100GR-E2 Datasheet(HTML) 7 Page - NEC

Back Button UPC8100GR-E2 Datasheet HTML 3Page - NEC UPC8100GR-E2 Datasheet HTML 4Page - NEC UPC8100GR-E2 Datasheet HTML 5Page - NEC UPC8100GR-E2 Datasheet HTML 6Page - NEC UPC8100GR-E2 Datasheet HTML 7Page - NEC UPC8100GR-E2 Datasheet HTML 8Page - NEC UPC8100GR-E2 Datasheet HTML 9Page - NEC UPC8100GR-E2 Datasheet HTML 10Page - NEC UPC8100GR-E2 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
µPC8100GR
Data Sheet P10817EJ3V0DS00
TEST CIRCUIT
20
19
18
17
16
15
14
13
12
11
12
34
56
78
9
10
PC8100GR
µ
120 pF 120 pF 3 pF
22
4.7 nH
180 pF
1 500 pF
15 nH
120 pF
4.7 nH
4.7 nH
120 pF
120 pF
30
pF
30 pF
30 pF
30 pF
51
1 500 pF
120 pF
51 W
1.5 pF
220 nH
(IF)
Spectrum Analyzer
50
50
(IF)
Signal Generator
Signal
Generator
(LO)
50
Spectrum Analyzer
50
Signal Generator


Similar Part No. - UPC8100GR-E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8100GR-E2 RENESAS-UPC8100GR-E2 Datasheet
275Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - UPC8100GR-E2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
   900 MHz SILICON MMIC DOWN CONVERTER
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
   900 MHz SILICON RFIC DOWN CONVERTER
logo
Teledyne Technologies I...
AC986 TELEDYNE-AC986 Datasheet
174Kb / 2P
   800 TO 900 MHz TO-8 CASCADABLE AMPLIFIER
AC885 TELEDYNE-AC885 Datasheet
172Kb / 2P
   800 TO 900 MHz TO-8 CASCADABLE AMPLIFIER
logo
Fujitsu Component Limit...
VC-23 FUJITSU-VC-23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone VCO (800 to 2000 MHz)
logo
Panasonic Semiconductor
AN26018A PANASONIC-AN26018A Datasheet
335Kb / 14P
   LNA IC for UHF Band (400 MHz to 800 MHz) Applications
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_1 Datasheet
1Mb / 171P
   Low Power 700/800/900 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com