Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRU7550 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RHRU7550
Description  75A, 400V - 600V Hyperfast Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHRU7550 Datasheet(HTML) 3 Page - Intersil Corporation

  RHRU7550 Datasheet HTML 1Page - Intersil Corporation RHRU7550 Datasheet HTML 2Page - Intersil Corporation RHRU7550 Datasheet HTML 3Page - Intersil Corporation RHRU7550 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Typical Performance Curves
FIGURE 3. TYPICAL FORWARD CURRENT vs FORWARD
VOLTAGE DROP
FIGURE 4. TYPICAL REVERSE CURRENT vs REVERSE
VOLTAGE
FIGURE 5. TYPICAL tRR,tA AND tB CURVES vs FORWARD
CURRENT AT +25oC
FIGURE 6. TYPICAL tRR,tA AND tB CURVES vs FORWARD
CURRENT AT +100oC
FIGURE 7. TYPICAL tRR,tA AND tB CURVES vs FORWARD
CURRENT AT +175oC
FIGURE 8. CURRENT DERATING CURVE FOR ALL TYPES
VF, FORWARD VOLTAGE (V)
1
100
10
0
0.5
1.0
1.5
2.0
2.5
3.0
+25oC
+175oC
+100oC
300
VR, REVERSE VOLTAGE (V)
0
200
400
600
300
500
1000
0.01
0.1
1
10
100
100
+25oC
+100oC
+175oC
5000
IF, FORWARD CURRENT (A)
60
0
20
10
1
30
50
TC = +25
oC
75
tB
40
10
tRR
tA
tB
TC = +100
oC
IF, FORWARD CURRENT (A)
125
0
50
25
75
1
100
10
75
150
tRR
tA
TC = +175
oC
IF, FORWARD CURRENT (A)
250
0
50
75
1
200
10
tB
100
150
tRR
tA
75
15
0
75
125
175
150
30
45
60
TC, CASE TEMPERATURE (
oC)
100
DC
SQ. WAVE
50
25
RHRU7540, RHRU7550, RHRU7560


Similar Part No. - RHRU7550

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRU75100 INTERSIL-RHRU75100 Datasheet
60Kb / 4P
   75A, 700V - 1000V Hyperfast Diodes
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
   75A, 1200V Hyperfast Diode
RHRU7570 INTERSIL-RHRU7570 Datasheet
60Kb / 4P
   75A, 700V - 1000V Hyperfast Diodes
RHRU7580 INTERSIL-RHRU7580 Datasheet
60Kb / 4P
   75A, 700V - 1000V Hyperfast Diodes
RHRU7590 INTERSIL-RHRU7590 Datasheet
60Kb / 4P
   75A, 700V - 1000V Hyperfast Diodes
More results

Similar Description - RHRU7550

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
RHRD440 FAIRCHILD-RHRD440 Datasheet
353Kb / 5P
   4A, 400V - 600V Hyperfast Diodes
RHRP3040 FAIRCHILD-RHRP3040 Datasheet
341Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
RHRP840 FAIRCHILD-RHRP840 Datasheet
365Kb / 5P
   8A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP840 INTERSIL-RHRP840 Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Diodes
RHRU5040 INTERSIL-RHRU5040 Datasheet
57Kb / 4P
   50A, 400V - 600V Hyperfast Diodes
logo
Fairchild Semiconductor
RHRP1540 FAIRCHILD-RHRP1540 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRG3040 INTERSIL-RHRG3040 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
RHRP3040 INTERSIL-RHRP3040 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
logo
Fairchild Semiconductor
RHRG3040 FAIRCHILD-RHRG3040 Datasheet
342Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com