Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLP03N06CLE Datasheet(PDF) 9 Page - Intersil Corporation

Part # RLP03N06CLE
Description  0.3A, 60V, 6 Ohm, ESD Rated, Current Limited, Voltage Clamped, Logic Level N-Channel Power MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RLP03N06CLE Datasheet(HTML) 9 Page - Intersil Corporation

  RLP03N06CLE Datasheet HTML 1Page - Intersil Corporation RLP03N06CLE Datasheet HTML 2Page - Intersil Corporation RLP03N06CLE Datasheet HTML 3Page - Intersil Corporation RLP03N06CLE Datasheet HTML 4Page - Intersil Corporation RLP03N06CLE Datasheet HTML 5Page - Intersil Corporation RLP03N06CLE Datasheet HTML 6Page - Intersil Corporation RLP03N06CLE Datasheet HTML 7Page - Intersil Corporation RLP03N06CLE Datasheet HTML 8Page - Intersil Corporation RLP03N06CLE Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
6-426
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
PSPICE Electrical Model
SUBCKT RLD03N06CLE 2 1 3;
rev 4/18/94
CA 12 8 0.547e-9
CB 15 14 0.547e-9
CIN 6 8 0.301e-9
DBODY 7 5 DBDMOD
DBREAK 5 11 DBKMOD
DESD1 91 9 DESD1MOD
DESD2 91 7 DESD2MOD
DPLCAP 10 5 DPLCAPMOD
EBREAK 11 20 17 18 66.5
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 6 10 6 8 1
EVTO 20 6 18 8 1
IT 8 17 1
LDRAIN 2 5 1e-9
LGATE 1 9 2.96e-9
LSOURCE 3 7 2.96e-9
MOS1 16 6 8 8 MOSMOD M = 0.99
MOS2 16 21 8 8 MOSMOD M = 0.01
QCONTROL 20 70 7 QMOD 1
RBREAK 17 18 RBKMOD 1
RDRAIN 5 16 RDSMOD 1.123
RGATE 9 20 3200
RIN 6 8 1e9
RSOURCE1 8 70 RDSMOD 1.12
RSOURCE2 70 7 RSMOD 2.16
RVTO 18 19 RVTOMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 8 19 DC 1
VTO 21 6 0.22
.MODEL DBDMOD D (IS = 7.97e-17 RS = 1.82 TRS1 = 3.91e-3 TRS2 = 1.24e-5 CJO = 3.00e-10 TT = 1.83e-7)
.MODEL DBKMOD D (RS = 3150 TRS1 =0 TRS2 = 0)
.MODEL DESD1MOD D (BV = 13.54 TBV1 = 0 TBV2 = 0 RS = 45.5 TRS1 = 0 TRS2 = 0)
.MODEL DESD2MOD D (BV = 11.46 TBV1 = -7.576e-4 TBV2 = -3.0e-6 RS = 0 TRS1 = 0 TRS2 = 0)
.MODEL DPLCAPMOD D (CJO = 74.2e-12 IS = 1e-30 N = 10)
.MODEL MOSMOD NMOS (VTO = 1.67 KP = 3.40 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u)
.MODEL QMOD NPN (BF =5)
.MODEL RBKMOD RES (TC1 = 4e-4 TC2 = 1.13e-8)
.MODEL RDSMOD RES (TC1 = 6.80e-3 TC2 = 6.5e-6)
.MODEL RSMOD RES (TC1 = 2.95e-3 TC2 = -1e-6)
.MODEL RVTOMOD RES (TC1 = -2.22e-3 TC2 = -1.95e-6)
.MODEL S1AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -3 VOFF = -1)
.MODEL S1BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -1 VOFF = -3)
.MODEL S2AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -2.85 VOFF = 2.15)
.MODEL S2BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 2.15 VOFF = -2.85)
.ENDS
NOTE: For further discussion of the PSPICE model consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records 1991.
1
GATE
LGATE
RGATE
EVTO
18
8
9
+
DESD1
DESD2
12
13
8
14
13
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
RIN
CIN
MOS1
MOS2
RDRAIN
DBREAK
EBREAK
DBODY
LDRAIN
DRAIN
RSOURCE2
LSOURCE
SOURCE
RBREAK
RVTO
VBAT
IT
VTO
ESG
DPLCAP
6
6
8
10
5
16
21
11
17
18
8
-
14
5
8
6
8
7
3
17
18
19
91
2
+
+
+
+
+
+
RSOURCE1
70
RLD03N06CLE, RLD03N06CLESM, RLP03N06CLE


Similar Part No. - RLP03N06CLE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RLP03N06CLE FAIRCHILD-RLP03N06CLE Datasheet
188Kb / 13P
   0.3A, 60V, ESD Rated, Current Limited, Voltage Clamped Logic Level N-Channel Enhancement-Mode Power MOSFETs
More results

Similar Description - RLP03N06CLE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RLD03N06CLE FAIRCHILD-RLD03N06CLE Datasheet
188Kb / 13P
   0.3A, 60V, ESD Rated, Current Limited, Voltage Clamped Logic Level N-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RFP30N06LE INTERSIL-RFP30N06LE Datasheet
80Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP30N06LE FAIRCHILD-RFP30N06LE Datasheet
188Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
   15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
RFT3055LE INTERSIL-RFT3055LE Datasheet
96Kb / 10P
   2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET
logo
Harris Corporation
RFP30N06LE HARRIS-RFP30N06LE Datasheet
91Kb / 6P
   30A, 60V, ESD Rated, Avalanche Rated, Logic Level N-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
   14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD4N06L INTERSIL-RFD4N06L Datasheet
38Kb / 5P
   4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
RFD3055LE INTERSIL-RFD3055LE Datasheet
86Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
RFG50N06LE INTERSIL-RFG50N06LE Datasheet
412Kb / 8P
   50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com