Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURD4120S Datasheet(PDF) 1 Page - Intersil Corporation

Part # RURD4120S
Description  4A, 1200V Ultrafast Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RURD4120S Datasheet(HTML) 1 Page - Intersil Corporation

  RURD4120S Datasheet HTML 1Page - Intersil Corporation RURD4120S Datasheet HTML 2Page - Intersil Corporation RURD4120S Datasheet HTML 3Page - Intersil Corporation RURD4120S Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
File Number
3641.3
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000
RURD4120, RURD4120S
4A, 1200V Ultrafast Diodes
The RURD4120 and RURD4120S are ultrafast diodes with
soft recovery characteristics (trr < 70ns). They have low
forward voltage drop and are silicon nitride passivated
ion-implanted epitaxial planar construction.
These devices are intended for use as freewheeling/
clamping diodes and rectifiers in a variety of switching power
supplies and other power switching applications. Their low
stored charge and ultrafast soft recovery minimize ringing
and electrical noise in many power switching circuits
reducing power loss in the switching transistors.
Formerly developmental type TA49036.
Symbol
Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <70ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
Packaging
JEDEC STYLE TO-251
JEDEC STYLE TO-252
Ordering Information
PART NUMBER
PACKAGE
BRAND
RURD4120
TO-251
UR4120
RURD4120S
TO-252
UR4120
NOTE: When ordering, use the entire part number. Add the suffix 9A
to obtain the TO-252 variant in the tape and reel, i.e.,
RURD4120S9A.
K
A
ANODE
CATHODE
CATHODE
(FLANGE)
ANODE
CATHODE
CATHODE
(FLANGE)
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
RURD4120, RURD4120S
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM
1200
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM
1200
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR
1200
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV)
(TC = 152
oC)
4A
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM
(Square Wave, 20kHz)
8A
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM
(Halfwave, 1 Phase, 60Hz)
40
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
50
W
Avalanche Energy (See Figures 10 and 11). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL
10
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-65 to 175
oC
Data Sheet
January 2000


Similar Part No. - RURD4120S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURD4120S FAIRCHILD-RURD4120S Datasheet
354Kb / 5P
   4A, 1200V Ultrafast Diodes
RURD4120S9A FAIRCHILD-RURD4120S9A Datasheet
498Kb / 5P
   4A, 1200V Ultrafast Diodes
RURD4120S9A_F085 FAIRCHILD-RURD4120S9A_F085 Datasheet
466Kb / 5P
   4A, 1200V Ultrafast Diodes
RURD4120S_F085 FAIRCHILD-RURD4120S_F085 Datasheet
466Kb / 5P
   4A, 1200V Ultrafast Diodes
More results

Similar Description - RURD4120S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURD4120 FAIRCHILD-RURD4120 Datasheet
354Kb / 5P
   4A, 1200V Ultrafast Diodes
RURD4120S_F085 FAIRCHILD-RURD4120S_F085 Datasheet
466Kb / 5P
   4A, 1200V Ultrafast Diodes
RURD4120S9A FAIRCHILD-RURD4120S9A Datasheet
498Kb / 5P
   4A, 1200V Ultrafast Diodes
logo
Intersil Corporation
RHRD4120 INTERSIL-RHRD4120 Datasheet
45Kb / 4P
   4A, 1200V Hyperfast Diodes
RURP4120CC INTERSIL-RURP4120CC Datasheet
47Kb / 4P
   4A, 1200V Ultrafast Dual Diode
RURD420 INTERSIL-RURD420 Datasheet
46Kb / 4P
   4A, 200V Ultrafast Diodes
RURD460 INTERSIL-RURD460 Datasheet
28Kb / 3P
   4A, 600V Ultrafast Diodes
logo
Fairchild Semiconductor
RURD460 FAIRCHILD-RURD460 Datasheet
371Kb / 5P
   4A, 600V Ultrafast Diodes
RURD420S FAIRCHILD-RURD420S Datasheet
100Kb / 5P
   4A, 200V Ultrafast Diodes
logo
Intersil Corporation
RURD6120 INTERSIL-RURD6120 Datasheet
80Kb / 4P
   6A, 1200V Ultrafast Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com