Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNA51943A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RNA51943A
Description  Voltage Detecting, System Resetting IC Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51943A Datasheet(HTML) 4 Page - Renesas Technology Corp

  RNA51943A_15 Datasheet HTML 1Page - Renesas Technology Corp RNA51943A_15 Datasheet HTML 2Page - Renesas Technology Corp RNA51943A_15 Datasheet HTML 3Page - Renesas Technology Corp RNA51943A_15 Datasheet HTML 4Page - Renesas Technology Corp RNA51943A_15 Datasheet HTML 5Page - Renesas Technology Corp RNA51943A_15 Datasheet HTML 6Page - Renesas Technology Corp RNA51943A_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RNA51943A, B
Preliminary
R03DS0024EJ0400 Rev.4.00
Page 4 of 6
Jul 03, 2012
Typical Characteristics
Ambient Temperature Ta (°C)
4.34
4.22
–40
0
–20
20
40
80
60
100
4.24
4.26
4.28
4.30
4.32
VSH
VSL
Detection Voltage vs. Ambient Temperature
Supply Voltage VCC (V)
1.0
0
0
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
Ta = 25°C
RL = 2.2 kΩ
RL = 22 kΩ
RL = 100 kΩ
Threshold Operating Voltage
Thermal Derating
0
25507585 100
150
125
Ambient Temperature Ta (°C)
900
800
700
600
500
0
100
200
300
400
UPAK
(PLZZ0004CA-A)
Output Sink Current Isink (mA)
0.3
0
02
1
3
456
0.1
0.2
VCC = 5 V
VCC = 15 V
VCC = 10 V
Output Load Current vs. Output Voltage
(RNA51943A)
Output Voltage VO (V)
0
0
4
8
12
16
–10
–20
–30
–40
Ambient Temperature Ta (°C)
–40
0
–20
20
40
80
60
100
VCC = 5 V
Circuit Current vs. Ambient Temperature
700
0
300
200
100
500
400
600
Output Saturation Voltage vs. Output Sink Current
VCC = 4 V
RNA51943A
RNA51943B


Similar Part No. - RNA51943A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA51943AUPH1 RENESAS-RNA51943AUPH1 Datasheet
86Kb / 7P
   Voltage Detecting, System Resetting IC Series
More results

Similar Description - RNA51943A_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com