Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNA51953A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RNA51953A
Description  Voltage Detecting, System Resetting IC Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51953A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RNA51953A_15 Datasheet HTML 3Page - Renesas Technology Corp RNA51953A_15 Datasheet HTML 4Page - Renesas Technology Corp RNA51953A_15 Datasheet HTML 5Page - Renesas Technology Corp RNA51953A_15 Datasheet HTML 6Page - Renesas Technology Corp RNA51953A_15 Datasheet HTML 7Page - Renesas Technology Corp RNA51953A_15 Datasheet HTML 8Page - Renesas Technology Corp RNA51953A_15 Datasheet HTML 9Page - Renesas Technology Corp RNA51953A_15 Datasheet HTML 10Page - Renesas Technology Corp RNA51953A_15 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RNA51953A, B
Preliminary
R03DS0009EJ0500 Rev.5.00
Page 9 of 10
Jun 19, 2012
0.01
0.1
1
Delay Capacitance Cd (
μF)
10
100
1000
1
10
100
200
1
10
100
Pulse Width (
μs)
Characteristic Graph 2
Delay Time vs. Momentary Voltage Decrease Pulse Width
(Example data)
Characteristic Graph 1
Reaction Time vs. Delay Capacitance
(Example data)
1000
10000
10000
1000
100
10
1
0.01
μF
Delay Capacitance
0.033
μF
0.1
μF
0.33
μF
1
μF
2.2
μF
3.3
μF
Figure 5 Characteristic Graph
Setting of Output Load Resistance (RNA51953B)
High level output voltage can be set without depending on the power-supply voltage because the output terminal is an
open collector type. However, please guard the following notes.
1. Please set it in value (2 V to 17 V) within the range of the power-supply voltage recommendation.
Moreover, please never impress the voltage of maximum ratings 18 V or more even momentarily either.
2. Please set output load resistance (pull-up resistance) RL so that the output current (output inflow current IL) at L
level may become 4 mA or less. Moreover, please never exceed absolute maximum rating (6 mA).
VCC (2 V to 17 V)
IL ≤ 4 mA
6
RL
Figure 6 Output Load Resistance RL
Others
1. Notes when IC is handled are published in our reliability handbook, and please refer it.
The reliability handbook can be downloaded from our homepage (following URL).
http://www.renesas.com/products/common_info/reliability/index.jsp
2. Additionally, please inquire of our company when there is an uncertain point on use.


Similar Part No. - RNA51953A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA51953A RENESAS-RNA51953A_10 Datasheet
115Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results

Similar Description - RNA51953A_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com