Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURD620S Datasheet(PDF) 1 Page - Intersil Corporation

Part # RURD620S
Description  6A, 200V Ultrafast Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RURD620S Datasheet(HTML) 1 Page - Intersil Corporation

  RURD620S Datasheet HTML 1Page - Intersil Corporation RURD620S Datasheet HTML 2Page - Intersil Corporation RURD620S Datasheet HTML 3Page - Intersil Corporation RURD620S Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
File Number
3640.3
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000
RURD620, RURD620S
6A, 200V Ultrafast Diodes
The RURD620, and RURD620S are ultrafast diodes with
soft recovery characteristics (trr < 25ns). They have low
forward voltage drop and are silicon nitride passivated
ion-implanted epitaxial planar construction.
These devices are intended for use as
freewheeling/clamping diodes and rectifiers in a variety of
switching power supplies and other power switching
applications. Their low stored charge and ultrafast soft
recovery minimize ringing and electrical noise in many
power switching circuits, reducing power loss in the
switching transistors.
Formerly developmental type TA49037.
Symbol
Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <25ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
Packaging
JEDEC STYLE TO-251
JEDEC STYLE TO-252
Ordering Information
PART NUMBER
PACKAGE
BRAND
RURD620
TO-251
RUR620
RURD620S
TO-252
RUR620
NOTE: When ordering, use the entire part number. Add the suffix,
9A, to obtain the TO-252 variant in tape and reel, i.e., RURD620S9A.
K
A
CATHODE
(FLANGE)
ANODE
CATHODE
CATHODE
ANODE
CATHODE
(FLANGE)
Absolute Maximum Ratings TC = 25oC Unless Otherwise Specified
RURD620
RURD620S
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM
200
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM
200
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VR
200
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV)
TC = 160
oC
6A
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM
Square Wave, 20kHz
12
A
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM
Halfwave, 1 phase, 60Hz
60
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD
45
W
Avalanche Energy (See Figures 10 and 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL
10
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TSTG,TJ
-65 to 175
oC
Maximum Lead Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
300
300oC
Package Body for 10s, See Tech Brief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TPKG
260
260oC
Data Sheet
January 2000


Similar Part No. - RURD620S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURD620CC INTERSIL-RURD620CC Datasheet
50Kb / 4P
   6A, 200V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURD620CC FAIRCHILD-RURD620CC Datasheet
346Kb / 5P
   6A, 200V Ultrafast Dual Diodes
logo
Intersil Corporation
RURD620CCS INTERSIL-RURD620CCS Datasheet
50Kb / 4P
   6A, 200V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURD620CCS FAIRCHILD-RURD620CCS Datasheet
346Kb / 5P
   6A, 200V Ultrafast Dual Diodes
RURD620CCS9A FAIRCHILD-RURD620CCS9A Datasheet
346Kb / 5P
   6A, 200V Ultrafast Dual Diodes
More results

Similar Description - RURD620S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURD620CCS9A FAIRCHILD-RURD620CCS9A_11 Datasheet
1Mb / 5P
   6A, 200V Ultrafast Dual Diodes
logo
Intersil Corporation
RURD620CC INTERSIL-RURD620CC Datasheet
50Kb / 4P
   6A, 200V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURD620CC FAIRCHILD-RURD620CC Datasheet
346Kb / 5P
   6A, 200V Ultrafast Dual Diodes
RURD660 FAIRCHILD-RURD660 Datasheet
392Kb / 5P
   6A, 600V Ultrafast Diodes
logo
Intersil Corporation
RURD660 INTERSIL-RURD660 Datasheet
85Kb / 4P
   6A, 600V Ultrafast Diodes
logo
Fairchild Semiconductor
MUR1520 FAIRCHILD-MUR1520 Datasheet
61Kb / 4P
   15A, 200V Ultrafast Diodes
logo
Intersil Corporation
MUR1520 INTERSIL-MUR1520 Datasheet
31Kb / 3P
   15A, 200V Ultrafast Diodes
logo
Fairchild Semiconductor
RURD420S FAIRCHILD-RURD420S Datasheet
100Kb / 5P
   4A, 200V Ultrafast Diodes
logo
Intersil Corporation
RURD6120 INTERSIL-RURD6120 Datasheet
80Kb / 4P
   6A, 1200V Ultrafast Diodes
RURD420 INTERSIL-RURD420 Datasheet
46Kb / 4P
   4A, 200V Ultrafast Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com