Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25C100G Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE25C100G
Description  Uniform Sector Dual and Quad Serial Flash
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C100G Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE25C100G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ACE25C100G
Uniform Sector Dual and Quad Serial Flash
VER 1.4
4
Ordering information
ACE25C100G
XX
+
X
H
- X
Uniform Block Sector Architecture
ACE25C100G 64K Bytes Block Sector Architecture
Block
Sector
Address range
1
31
01F000H
01FFFFH
….
….
….
16
010000H
010FFFH
0
15
00F000H
00FFFFH
….
….
….
0
000000H
000FFFH
Device Operation
SPI Mode
Standard SPI
The ACE25C100G features a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip
Select (CS#), Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are
supported. Input data is latched on the rising edge of SCLK and data shifts out on the falling edge of
SCLK.
Dual SPI
The ACE25C100G supports Dual SPI operation when using the “Dual Output Fast Read” and “Dual
I/O Fast Read” (3BH and BBH) commands. These commands allow data to be transferred to or from
the device at two times the rate of the standard SPI. When using the Dual SPI command the SI and
SO pins become bidirectional I/O pins: IO0 and IO1.
Quad SPI
The ACE25C100G supports Quad SPI operation when using the “Quad Output Fast Read”,” Quad
I/O Fast Read”(6BH, EBH) commands. These commands allow data to be transferred to or from the
device at four times the rate of the standard SPI. When using the Quad SPI command the SI and SO
pins become bidirectional I/O pins: IO0 and IO1, and WP# and HOLD# pins become IO2 and IO3.
Quad SPI commands require the non-volatile Quad Enable bit (QE) in Status Register to be set.
U: Tube
T: Tape and Reel
Pb - free
DP: DIP-8
FM: SOP-8
TM: TSSOP-8
Halogen-free
Null : Commercial (0~70℃)
I: Industrial (-40~85℃)


Similar Part No. - ACE25C100G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C160G ACE-ACE25C160G Datasheet
1Mb / 36P
   Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
More results

Similar Description - ACE25C100G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C512G ACE-ACE25C512G Datasheet
1Mb / 37P
   Uniform Sector Dual and Quad Serial Flash
VER 1.5
logo
GigaDevice Semiconducto...
GD25VE16C GIGADEVICE-GD25VE16C Datasheet
1Mb / 60P
   Uniform Sector Dual and Quad Serial Flash
GD25VQ16C GIGADEVICE-GD25VQ16C Datasheet
1Mb / 59P
   Uniform Sector Dual and Quad Serial Flash
logo
ACE Technology Co., LTD...
ACE25C320G ACE-ACE25C320G Datasheet
2Mb / 37P
   Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
logo
ELM Electronics
GD25Q21BXIGX ELM-GD25Q21BXIGX Datasheet
3Mb / 49P
   Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25VE40C GIGADEVICE-GD25VE40C Datasheet
1Mb / 55P
   Uniform Sector Dual and Quad Serial Flash
GD25VQ127C GIGADEVICE-GD25VQ127C Datasheet
1Mb / 62P
   Uniform Sector Dual and Quad Serial Flash
logo
ACE Technology Co., LTD...
ACE25C160G ACE-ACE25C160G Datasheet
1Mb / 36P
   Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
logo
ELM Technology Corporat...
GD25D10XIGX ELM-TECH-GD25D10XIGX Datasheet
2Mb / 28P
   Uniform sector dual and quad serial flash
logo
GigaDevice Semiconducto...
GD25VQ40C GIGADEVICE-GD25VQ40C Datasheet
1Mb / 56P
   Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com