Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5407 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 1N5407
Description  3.0A Axial Leaded Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1N5407 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  1N5407 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1N5407 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0A Axial Leaded Rectifier
1N5400 – 1N5408
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Epoxy: UL 94V-O rate flame retardant
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1N
5400
1N
5401
1N
5402
1N
5404
1N
5406
1N
5407
1N
5408
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 75°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
200
A
Forward Voltage
@IF = 3.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Typical Junction Capacitance (Note 2)
Cj
50
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
18
K/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
DO-201AD
Dim
Min
Max
A
25.4
B
8.50
9.50
C
1.20
1.30
D
5.0
5.60
All Dimensions in mm
1of2


Similar Part No. - 1N5407

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N5407 TSC-1N5407 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
PACELEADER INDUSTRIAL
1N5407 PACELEADER-1N5407 Datasheet
487Kb / 2P
   3.0AMP GENERAL PURPOSE SILICON RECTIFIER - 50V-1000V
logo
Motorola, Inc
1N5407 MOTOROLA-1N5407 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Taiwan Semiconductor Co...
1N5407 TSC-1N5407 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
MIC GROUP RECTIFIERS
1N5407 MIC-1N5407 Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results

Similar Description - 1N5407

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
31DQ09 SUNMATE-31DQ09 Datasheet
111Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifier
ER301 SUNMATE-ER301 Datasheet
264Kb / 2P
   3.0A Axial Leaded Super Fast Rectifier
31DQ03 SUNMATE-31DQ03 Datasheet
98Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifier
SF31 SUNMATE-SF31 Datasheet
135Kb / 2P
   3.0A Axial Leaded Super Fast Rectifier Diodes
BY228GP SUNMATE-BY228GP Datasheet
223Kb / 2P
   3.0A Axial Leaded Sintered Class Junction Plastic Rectifier
SBYV28-50 SUNMATE-SBYV28-50 Datasheet
172Kb / 2P
   3.0A Axial Leaded Soft Recovery Ultrafast Plastic Rectifier
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifiers
SB320 SUNMATE-SB320 Datasheet
157Kb / 2P
   3.0A Axial Leaded Schottky Barrier Diode
SR320 SUNMATE-SR320 Datasheet
141Kb / 2P
   3.0A Axial Leaded Schottky Barrier Diode
BYW178 SUNMATE-BYW178 Datasheet
153Kb / 2P
   3.0A Axial Leaded Sintered Glass Junction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com