Electronic Components Datasheet Search |
|
6A05 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD |
|
6A05 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD |
1 / 2 page Features · High Surge Current Capability · Low Leakage and Forward Voltage Drop · Lead Free Finish, RoHS Compliant (Note 1) Mechanical Data · Case: R-6 · Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 · Moisture Sensitivity: Level 1 per J-STD-020C · Terminals: Finish ¾ Bright Tin. Axial Leads, Solderable per MIL-STD-202, Method 208 · Polarity: Color Band Indicates Cathode · Ordering Information: See Last Page · Approximate Weight: 2.1 grams Ratings at 25°C ambient temperature unless otherwise specified. Single phase, halfwave, 60Hz, resistive or inductive load. Maximum Ratings and Electrical Characteristics @25°C unless otherwise specified Characteristic Symbol 6A05 6A1 6A2 6A4 6A6 6A8 6A10 Unit Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 V Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 V Maximum Average Forward Rectified Current 9.5mm lead length @ TA = 75°C (See Fig. 1) I(AV) 6.0 A Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) IFSM 400 A Maximum Instantaneous Forward Current at 6.0A DC VF 0.90 V Maximum DC Reverse Current @ TA = 25 °C at Rated Blocking Voltage @ TA = 100 °C IR 10 100 µA Operating and Storage Temperature Range TJ, TSTG -65 to +175 °C 6A05 - 6A10 A A B C D R-6 Dim Min Max A 25.40 — B 8.60 9.10 C 1.20 1.30 D 8.60 9.10 All Dimensions in mm Notes: 1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7. 1of2 6.0A Axial Leaded Rectifier |
Similar Part No. - 6A05 |
|
Similar Description - 6A05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |