Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A1 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 10A1
Description  10A Axial Leaded Standard Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

10A1 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  10A1 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 10A1 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

2.0
4.0
6.0
8.0
0
0
T , AMBIENT TEMPERATURE (ºC)
A
Fig. 1 Forward Current Derating Curve
12
10
50
100
150
200
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
0.1
1.0
10
100
0
0.4
0.8
1.2
1.6
Pulse Width = 300 ms
2% Duty Cycle
T = 25ºC
j
0
200
400
600
800
1000
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
10
100
1000
110
100
V , REVERSE VOLTAGE (V)
R
Fig.4 Typical Junction Capacitance
1.0
T = 25°C
j
f = 1MHz
10A05 - 10A4
10A6 - 10A10
2of2


Similar Part No. - 10A1

ManufacturerPart #DatasheetDescription
logo
Bytes
10A1 BYTES-10A1 Datasheet
190Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Nantong Hornby Electron...
10A1 HORNBY-10A1 Datasheet
233Kb / 3P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Rugao Dachang Electroni...
10A1 DACHANG-10A1 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 10 A
logo
Formosa MS
10A1 FORMOSA-10A1 Datasheet
177Kb / 6P
   Axial Leaded General Purpose Rectifiers
logo
List of Unclassifed Man...
10A1 ETC1-10A1 Datasheet
574Kb / 2P
   10.0 Amps. General Purpose Plastic Rectifiers Voltage Range 50 to 1000 Volts Forward Current 10.0 Amperes
More results

Similar Description - 10A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
066182U6R3FE2 ETC2-066182U6R3FE2 Datasheet
75Kb / 6P
   Standard, Axial Leaded, Aluminum
logo
Semtech Corporation
1N5550 SEMTECH-1N5550_08 Datasheet
159Kb / 4P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
PM6 SEMTECH-PM6 Datasheet
99Kb / 3P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
1N3611 SEMTECH-1N3611 Datasheet
95Kb / 2P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
1N5550 SEMTECH-1N5550 Datasheet
159Kb / 4P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
3PM2 SEMTECH-3PM2 Datasheet
127Kb / 3P
   AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
logo
New Jersey Semi-Conduct...
3SM2 NJSEMI-3SM2 Datasheet
74Kb / 2P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
Zibo Seno Electronic En...
10A05 ZSELEC-10A05 Datasheet
202Kb / 2P
   10A STANDARD DIODE
logo
Won-Top Electronics
10A05 WTE-10A05 Datasheet
54Kb / 4P
   10A STANDARD DIODE
logo
SUNMATE electronic Co.,...
UF1001 SUNMATE-UF1001 Datasheet
78Kb / 2P
   1.0A Axial Leaded Ultrafast Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com