Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11DQ06 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 11DQ06
Description  1.0A Axial Leaded Schottky Barrier Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

11DQ06 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  11DQ06 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 11DQ06 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Features
A
A
B
C
D
DO-41
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
·
Mechanical Data
·
·
·
·
·
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Pb / RoHS Free
Low cost
Low forward voltage drop
Low power loss
High efficiency
High reliability
High surge current capability
High current capability
·
·
·
Weight : 0.339 gram
Mounting position : Any
Polarity : Color band denotes cathode end
Lead : Axial lead solderable per MIL-STD-202,
Epoxy : UL94V-O rate flame retardant
Case : DO-41 Molded plastic
Method 208 guaranteed
·
SYMBOL 11DQ03 11DQ04 11DQ05 11DQ06 11DQ09 11DQ10 UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
30
40
50
60
90
100
V
Maximum RMS Voltage
VRMS
21
28
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
30
40
50
60
90
100
V
IF(AV)
1.1
A
TC
°C
Maximum Peak Forward Surge Current
single half sine wave superimposed on rated load
Maximum Forward Voltage
at I F = 1 A, TJ = 25
°C
0.55
0.58
0.85
at I F = 2 A, TJ = 25°C
0.71
0.76
0.96
Maximum Reverse Current at
T J = 25
°C
IR
1.0
1.0
Rated DC Blocking Voltage
T J = 125
°C
IR(H)
6.0
11
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
A
mA
RATING
IFSM
42
26
VF
V
Maximum Average Forward Current
1.0
75
84
75
0.5
42
11DQ03-11DQ10
1.0A Axial Leaded Schottky Barrier Rectifier Diodes


Similar Part No. - 11DQ06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
11DQ06 IRF-11DQ06 Datasheet
32Kb / 5P
   SCHOTTKY RECTIFIER
logo
Nihon Inter Electronics...
11DQ06 NIEC-11DQ06 Datasheet
37Kb / 6P
   Low Forward Voltage drop Diode
logo
Sensitron
11DQ06 SENSITRON-11DQ06 Datasheet
198Kb / 4P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
11DQ06 VISHAY-11DQ06 Datasheet
81Kb / 5P
   Schottky Rectifier, 1.1 A
Revision: 06-Nov-08
logo
SynSemi, Inc.
11DQ06 SYNSEMI-11DQ06 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
More results

Similar Description - 11DQ06

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MBR150 SUNMATE-MBR150 Datasheet
109Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA81-004 SUNMATE-ERA81-004 Datasheet
337Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA84-009 SUNMATE-ERA84-009 Datasheet
401Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA83-004 SUNMATE-ERA83-004 Datasheet
341Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
1S20 SUNMATE-1S20 Datasheet
344Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier
SB120 SUNMATE-SB120 Datasheet
134Kb / 2P
   1.0A Axial Leaded Schottky Barrier Diode
SR120 SUNMATE-SR120 Datasheet
189Kb / 2P
   1.0A Axial Leaded Schottky Barrier Diode
1N5817 SUNMATE-1N5817 Datasheet
57Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifiers
SF11 SUNMATE-SF11 Datasheet
107Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier Diodes
ERA32-01 SUNMATE-ERA32-01 Datasheet
169Kb / 2P
   1.0A Axial Leaded Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com