Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8102T-E3 Datasheet(PDF) 10 Page - NEC

Part # UPC8102T-E3
Description  RF AMPLIFIER IC FOR 150 MHz TO 330 MHz PAGER SYSTEM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8102T-E3 Datasheet(HTML) 10 Page - NEC

Back Button UPC8102T-E3 Datasheet HTML 6Page - NEC UPC8102T-E3 Datasheet HTML 7Page - NEC UPC8102T-E3 Datasheet HTML 8Page - NEC UPC8102T-E3 Datasheet HTML 9Page - NEC UPC8102T-E3 Datasheet HTML 10Page - NEC UPC8102T-E3 Datasheet HTML 11Page - NEC UPC8102T-E3 Datasheet HTML 12Page - NEC UPC8102T-E3 Datasheet HTML 13Page - NEC UPC8102T-E3 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
µPC8102T
10
TEST CIRCUIT 6 (330 MHz) <Matched to optimize NF>
2 pF
47 k
1 000 pF
23 nH
6
pF
1 000 pF
1 000
pF
1 000 pF
23 nH
10 pF
IN
2
13
5
64
GND
OUT
VCC
C1
C2
3 pF
ILLUSTRATION ON THE TEST CIRCUIT 6 ASSEMBLED ON EVALUATION BOARD
3
2
1
4
5
6
1 000 pF
Mounting direction
1 000 pF
VCC
OUT
IN
PC8102/07
TYPE2
µ
OUT
IN
2 pF
23 nH
1 000 pF
3 pF
23 nH
6 pF
47 k
1 000 pF
10 pF
Note
(*1) 35
× 42 × 0.4 mm double copper clad polyimide board
(*2) Solder plated on pattern
(*3)
: Through holes


Similar Part No. - UPC8102T-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8102T-E3 RENESAS-UPC8102T-E3 Datasheet
265Kb / 22P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
More results

Similar Description - UPC8102T-E3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
NEC
UPC8103T NEC-UPC8103T Datasheet
162Kb / 26P
   MIXER OSCILLATOR IC FOR PAGER SYSTEM
logo
B&K Precision Corporati...
2005B BK-2005B Datasheet
605Kb / 1P
   150 MHz RF Generator
logo
Communications & Power ...
4CW10-000A CPI-4CW10-000A Datasheet
93Kb / 1P
   RF amplifier to 30 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA147FD TAI-SAW-TA147FD Datasheet
302Kb / 5P
   SAW Filter 147 MHz For Pager
TA284GC TAI-SAW-TA284GC Datasheet
251Kb / 5P
   SAW Filter 284 MHz For Pager
logo
Analog Devices
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
logo
TAI-SAW TECHNOLOGY CO.,...
TA446E1 TAI-SAW-TA446E1 Datasheet
153Kb / 4P
   SAW Filter 446 MHz For Pager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com