Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16WS-V Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAS16WS-V
Description  250mA Surface Mount Small Signal Fast Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAS16WS-V Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAS16WS-V Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAS16WS-V Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
250mA Surface Mount Small Signal Fast Switching Diode
BAS16WS-V
approx. 4.3 mg
1 of 2
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
·
·
·
K
L
M
J
C
H
BA
SOD-323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
All Dimensions in mm
Case: SOD323 plastic case
Weight:
Packaging Codes/Options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/3 k per 7" reel (8 mm tape), 15 k/box
·
·
·
·
·
Fast switching diode
Silicon Epitaxial Planar Diode
Component in accordance to RoHS 2002/95/EC
Lead (Pb)-free component
Also
available in case SOT23
with
designation BAS16
and WEEE 2002/96/EC
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
75
V
Peak reverse voltage
VRM
100
V
Forward current (continuous)
IF
250
mA
Non-repetitive peak forward
current
t = 1 µs
IFSM
2.0
A
t = 1 ms
IFSM
1.0
A
t = 1 s
IFSM
0.5
A
Power dissipation
Ptot
200
mW
Parameter
Test condition
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 1 mA
VF
715
mV
IF = 10 mA
VF
855
mV
IF = 50 mA
VF
1000
mV
IF = 150 mA
VF
1250
mV
Leakage current
VR = 25 V, TJ = 150 °C
IR
30
µA
VR = 75 V
IR
1µA
VR = 75 V, TJ = 150 °C
IR
50
µA
Diode capacitance
VR = 0; f = 1 MHz
CD
2pF
Reverse recovery time
IF = 10 mA to IR = 10 mA,
IR = 1 mA, RL = 100 Ω
trr
6ns


Similar Part No. - BAS16WS-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS16WS-V VISHAY-BAS16WS-V Datasheet
136Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 30-Apr-08
BAS16WS-V VISHAY-BAS16WS-V Datasheet
67Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.7, 12-Aug-10
BAS16WS-V-GS08 VISHAY-BAS16WS-V-GS08 Datasheet
136Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 30-Apr-08
BAS16WS-V-GS18 VISHAY-BAS16WS-V-GS18 Datasheet
136Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 30-Apr-08
BAS16WS-V VISHAY-BAS16WS-V_12 Datasheet
67Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.7, 12-Aug-10
More results

Similar Description - BAS16WS-V

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N4148WS-V SUNMATE-1N4148WS-V Datasheet
162Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
BAV19WS-V SUNMATE-BAV19WS-V Datasheet
311Kb / 2P
   200mA Surface Mount Small Signal Fast Switching Diode
GSD2004WS-V SUNMATE-GSD2004WS-V Datasheet
77Kb / 1P
   225mA Surface Mount Small Signal Fast Switching Diode
1N4448WS-V SUNMATE-1N4448WS-V Datasheet
204Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
1N4151WS-V SUNMATE-1N4151WS-V Datasheet
219Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
GSD2004W-V SUNMATE-GSD2004W-V Datasheet
112Kb / 1P
   225mA Surface Mount Small Signal Fast Switching Diode
logo
SeCoS Halbleitertechnol...
BAV16WS SECOS-BAV16WS Datasheet
261Kb / 2P
   Surface Mount Small Signal Switching Diode
BAV19TC SECOS-BAV19TC_15 Datasheet
79Kb / 1P
   Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100_15 Datasheet
167Kb / 2P
   Surface Mount Small Signal Switching Diode
BAV19P SECOS-BAV19P_15 Datasheet
261Kb / 2P
   Surface Mount Small Signal Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com