Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPANTDP066-R1A Datasheet(PDF) 2 Page - World Produts Inc.

Part # WPANTDP066-R1A
Description  Picture of the Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP066-R1A Datasheet(HTML) 2 Page - World Produts Inc.

  WPANTDP066-R1A Datasheet HTML 1Page - World Produts Inc. WPANTDP066-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WP Wireless — A Division of World Products LLC. || 19656 Eighth Street East || Sonoma, CA, 95476, USA
[O]: +1-707-996-5201 || [F]: +1-707-996-3380 || [E]: sales@wp-wireless.com || [W]: www.wp-wireless.com
Page 2 of 2
Rev: 2.0
Created on: Aug. 27
th 2012
Created by: MKS
Approved By: BP
WPANTDP066-R1A
3G Cellular Dual-band Omni-directional Antenna
Mechanical / Environmental Properties
Item
Value
Antenna Dimensions
430 mm (Length) X 23mm (Dia)
Antenna Color
White
Cable
300mm long
Connector
SMA male
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS compliant
Note: This antenna comes with mounting brackets.
Picture of the Antenna (Drawing)


Similar Part No. - WPANTDP066-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP067-R1A WPI-WPANTDP067-R1A Datasheet
188Kb / 2P
   Picture of the Antenna
WPANTDP069-R1A WPI-WPANTDP069-R1A Datasheet
135Kb / 2P
   The WPANTDP069-R1A antenna is an L1 band GPS and FM Dual Antenna for automobile applications
More results

Similar Description - WPANTDP066-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP067-R1A WPI-WPANTDP067-R1A Datasheet
188Kb / 2P
   Picture of the Antenna
WPANTDP078-R1A WPI-WPANTDP078-R1A Datasheet
243Kb / 2P
   Picture of the Part
logo
EPCOS
B59203C1060A140 EPCOS-B59203C1060A140 Datasheet
87Kb / 5P
   Degaussing of picture tubes
B59563J0060A110 EPCOS-B59563J0060A110 Datasheet
93Kb / 7P
   Degaussing of picture tubes
B59563T0060 EPCOS-B59563T0060 Datasheet
101Kb / 7P
   Degaussing of picture tubes
logo
Analog Devices
ADIS16IMU1 AD-ADIS16IMU1 Datasheet
349Kb / 6P
   Here is a picture of the contents that come with
logo
Taoglas antenna solutio...
TS.07.0113 TAOGLAS-TS.07.0113 Datasheet
2Mb / 30P
   Antenna must have a view of the Sky
logo
Siemens Semiconductor G...
SDA9088 SIEMENS-SDA9088 Datasheet
487Kb / 28P
   Picture-in-Picture Processor
logo
Mitsubishi Electric Sem...
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
   Picture-in-Picture Signal Processing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com