Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP227 Datasheet(PDF) 11 Page - Analog Devices

Part # OP227
Description  Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP227 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP227_15 Datasheet HTML 7Page - Analog Devices OP227_15 Datasheet HTML 8Page - Analog Devices OP227_15 Datasheet HTML 9Page - Analog Devices OP227_15 Datasheet HTML 10Page - Analog Devices OP227_15 Datasheet HTML 11Page - Analog Devices OP227_15 Datasheet HTML 12Page - Analog Devices OP227_15 Datasheet HTML 13Page - Analog Devices OP227_15 Datasheet HTML 14Page - Analog Devices OP227_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. A
OP227
–11–
Dynamic range is limited by A1 as well as A2. The output of A1
is:
V
R
R
VV
N
O
dCM
1
12
=+
Ê
ËÁ
ˆ
¯˜
+
If the instrumentation amplifier was designed for a gain of 10
and maximum Vd of
±1 V, then RN/RO would need to be four
and VO would be a maximum of
±10 V. Amplifier A1 would have
a maximum output of
±5 V plus 2 VCM, thus a limit of ±10 V
on the output of A1 would imply a limit of
±2.5 V on VCM. A
nominal value of 10 k
W for RN is suitable for most applications.
A range of 20
W to 2.5 kW for RO will then provide a gain range
of 10 to 1000. The current through RO is Vd/RO, so the amplifiers
must supply
±10 mV/20 W (or ±0.5 mA) when the gain is at the
maximum value of 1000 and Vd is at
±10 mV.
Rejecting common-mode inputs is important in accurately
amplifying low level differential signals. Two factors determine
the CMR in this instrumentation amplifier configuration (assuming
infinite gain):
∑ CMR of the op amps
∑ Matching of the resistor network ratios (R3/R4 = R2/R1)
In this instrumentation amplifier configuration error due to CMR
effect is directly proportional to the CMR match of the op amps.
For the OP227, this DCMR is a minimum of 97 dB for the “G”
and 110 dB for the “E” grades. A DCMR value of 100 dB and a
common-mode input range of
±2.5 V indicates a peak input-
referred error of only
±25 mV. Resistor matching is the other
factor affecting CMR. Defining Ad as the differential gain of the
instrumentation amplifier and assuming that R1, R2, R3, and R4
are approximately equal (RN will be the nominal value), then CMR
for this instrumentation amplifier configuration will be approxi-
mately Ad divided by 4 R/RN. CMR at differential gain of 100
would be 88 dB with resistor matching of 0.01%. Trimming R1
to make the ratio R3/R4 equal to R2/R1 will raise the CMR
until limited by linearity and resistor stability considerations.
The high open-loop gain of the OP227 is very important to
achieving high accuracy in the two op amp instrumentation
amplifier configuration. Gain error can be approximated by:
Gain Error
A
A
A
AA
d
O
d
OO
1
1
2
1
2
11
+
<
,
where Ad is the instrumentation amplifier differential gain and
AO2 is the open loop gain of op amp A2. This analysis assumes
equal values of R1, R2, R3, and R4. For example, consider an
OP227 with AO2 of 700 V/mV. Id the differential gain Ad were
set to 700, then the gain error would be 1/1.001, which is
approximately 0.1%.
Another effect of finite op amp gain is undesired feedthrough of
common-mode input. Defining AO1 as the open-loop gain of op
amp A1, then the common-mode error (CME) at the output
due to this effect would be approximately:
CME
A
A
A
A
V
d
d
O
O
CM
2
1
1
2
1
+
,
For Ad/A01 < 1, this simplifies to (2Ad/A01) 3 VCM. If the op amp
gain is 700 V/mV, VCM is 2.5 V, and Ad is set to 700, then the
error at the output due to this effect will be approximately 5 mV.
A compete instrumentation amplifier designed for a gain of 100
is shown in Figure 3. It has provision for trimming of input
offset voltage, CMR, and gain. Performance is excellent due to
the high gain, high CMR, and low noise of the individual ampli-
fiers combined with the tight matching characteristics of the
OP227 dual.
3
4
10
11
21
14
13
12
7
6
10k
OFFSET
V+
V–
V+
VO = 100Vd
V–
5
ADJUST
CMR
50
9.95k
2.5k
191
10k
0.1%
VCM – 1/2Vd
GAIN
VCM – 1/2Vd
10k , 0.1%
10k , 0.1%
OP227
Figure 3. Two Op Amp Instrumentation Amplifier Using
OP227 Dual
A three op amp instrumentation amplifier configuration using
the OP227 and OP27 is recommended for applications requir-
ing high accuracy over a wide gain range. This circuit provides
excellent CMR over a wide frequency range. As with the two op
amp instrumentation amplifier circuits, the tight matching of the
two op amps within the OP227 package provides a real boost in
performance. Also, the low noise, low offset, and high gain of
the individual op amps minimize errors.
A simplified schematic is shown in Figure 4. The input stage
(A1 and A2) serves to amplify the differential input Vd without
amplifying the common-mode voltage VCM. The output stage
then rejects the common-mode input. With ideal op amps and
no resistor matching errors, the outputs of each amplifier will
be:
V
R
R
V
V
V
R
R
V
V
VV
V
R
R
V
VA V
O
d
CM
O
d
CM
O
O
d
Od
d
1
2
21
1
21
2
1
21
2
1
21
=+
Ê
ËÁ
ˆ
¯˜
+
=+
Ê
ËÁ
ˆ
¯˜
+
== +
Ê
ËÁ
ˆ
¯˜
=


Similar Part No. - OP227_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
More results

Similar Description - OP227_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP227 AD-OP227 Datasheet
481Kb / 16P
   Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
REV. A
OP-227 AD-OP-227 Datasheet
735Kb / 12P
   DUAL, LOW-NOISE LOW OFFSET INSTRUMENTATION OPERATIONAL AMPLIFIER
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
logo
Texas Instruments
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com