Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP290 Datasheet(PDF) 5 Page - Analog Devices

Part # OP290
Description  Precision, Low Power, Micropower Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290 Datasheet(HTML) 5 Page - Analog Devices

  OP290_15 Datasheet HTML 1Page - Analog Devices OP290_15 Datasheet HTML 2Page - Analog Devices OP290_15 Datasheet HTML 3Page - Analog Devices OP290_15 Datasheet HTML 4Page - Analog Devices OP290_15 Datasheet HTML 5Page - Analog Devices OP290_15 Datasheet HTML 6Page - Analog Devices OP290_15 Datasheet HTML 7Page - Analog Devices OP290_15 Datasheet HTML 8Page - Analog Devices OP290_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
OP290
Rev. C | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter1
Rating
Supply Voltage
±18 V
Differential Input Voltage
[(V−) − 20 V] to [(V+) + 20 V]
Common-Mode Input Voltage
[(V−) − 20 V] to [(V+) + 20 V]
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range (T
J)
−65°C to +150°C
Lead Temperature
(Soldering, 60 sec)
300°C
1 Absolute maximum ratings applies to packaged part.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4.
Package Type
θ
JA
1
θ
JC
Unit
8-Lead Plastic DIP (P)
96
37
°C/W
1 θ
JA is specified for worst-case mounting conditions, that is, θJA is specified for
device in socket for PDIP package.
ESD CAUTION


Similar Part No. - OP290_15

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP290 OPTEK-OP290_14 Datasheet
290Kb / 8P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP290_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP290 AD-OP290 Datasheet
165Kb / 12P
   Precision, Low Power, Micropower Dual Operational Amplifier
REV. A
OP290 AD-OP290_03 Datasheet
189Kb / 12P
   Precision, Low Power, Micropower Dual Operational Amplifier
REV. B
OP-290 AD-OP-290 Datasheet
360Kb / 10P
   PRECISION, LOW POWER, MICROPOWER DUAL OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
OP90 MAXIM-OP90_V01 Datasheet
292Kb / 9P
   Precision Low Voltage Micropower Operational Amplifier
2006
logo
Analog Devices
OP-90 AD-OP-90 Datasheet
426Kb / 12P
   PRECISION, LOW VOLTAGE MICROPOWER OPERATIONAL AMPLIFIER
OP90 AD-OP90 Datasheet
653Kb / 12P
   Precision Low-Voltage Micropower Operational Amplifier
REV. A
OP90GPZ AD-OP90GPZ Datasheet
1Mb / 13P
   Precision Low-Voltage Micropower Operational Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com