Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5007 Datasheet(PDF) 7 Page - California Eastern Labs

Part # 2SC5007
Description  NPN SILICON EPITAXIAL TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5007 Datasheet(HTML) 7 Page - California Eastern Labs

  2SC5007 Datasheet HTML 1Page - California Eastern Labs 2SC5007 Datasheet HTML 2Page - California Eastern Labs 2SC5007 Datasheet HTML 3Page - California Eastern Labs 2SC5007 Datasheet HTML 4Page - California Eastern Labs 2SC5007 Datasheet HTML 5Page - California Eastern Labs 2SC5007 Datasheet HTML 6Page - California Eastern Labs 2SC5007 Datasheet HTML 7Page - California Eastern Labs 2SC5007 Datasheet HTML 8Page - California Eastern Labs 2SC5007 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
S-PARAMETER
VCE = 3 V, IC = 1 mA, ZO = 50 Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
1.007
–11.6
2.002
164.1
.028
78.0
.990
–5.7
200.00
.983
–23.4
2.020
151.1
.055
68.0
.972
–11.2
300.00
.964
–34.8
2.079
139.1
.078
57.4
.939
–16.0
400.00
.930
–46.9
2.041
127.5
.097
47.8
.906
–20.3
500.00
.903
–57.8
2.051
117.5
.116
39.3
.872
–24.3
600.00
.868
–68.6
1.913
106.4
.129
30.3
.838
–27.7
700.00
.831
–78.8
1.883
96.8
.139
23.2
.804
–30.7
800.00
.803
–89.6
1.845
86.7
.146
15.7
.772
–33.4
900.00
.764
–99.6
1.813
77.8
.150
9.6
.740
–35.8
1000.00
.737
–110.2
1.803
68.6
.155
3.4
.712
–38.1
1100.00
.704
–119.5
1.761
60.2
.156
–1.7
.691
–39.9
1200.00
.683
–128.7
1.729
51.8
.158
–6.9
.671
–42.2
1300.00
.662
–136.9
1.647
43.9
.157
–11.7
.652
–43.9
1400.00
.649
–144.6
1.602
36.5
.157
–15.5
.637
–46.2
1500.00
.633
–152.1
1.534
28.8
.155
–19.4
.622
–48.1
1600.00
.626
–158.9
1.487
22.0
.154
–22.0
.609
–50.1
1700.00
.616
–166.0
1.444
14.5
.153
–25.3
.595
–52.3
1800.00
.611
–171.6
1.389
8.1
.154
–27.7
.586
–54.4
1900.00
.612
–178.0
1.351
1.4
.153
–31.6
.574
–56.9
2000.00
.608
176.1
1.305
–5.1
.148
–33.6
.565
–59.1
2100.00
.612
170.5
1.271
–11.3
.147
–35.4
.556
–61.6
2200.00
.612
165.7
1.221
–17.3
.145
–36.8
.550
–64.3
2300.00
.616
160.7
1.198
–23.5
.145
–37.8
.540
–67.1
2400.00
.617
156.1
1.149
–29.5
.144
–38.6
.533
–70.0
2500.00
.623
152.2
1.120
–34.9
.146
–39.1
.525
–73.0
2600.00
.627
147.6
1.091
–41.0
.149
–39.6
.518
–76.6
2700.00
.630
144.1
1.060
–46.3
.153
–40.1
.509
–80.0
2800.00
.638
140.1
1.031
–52.1
.159
–40.5
.504
–83.7
2900.00
.640
136.6
.999
–57.3
.165
–41.8
.495
–87.5
3000.00
.650
133.4
.977
–62.6
.173
–42.8
.494
–91.5
VCE = 1 V, IC = 5 mA, ZO = 50 Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.897
–25.2
9.052
153.5
.035
70.1
.907
–20.1
200.00
.786
–49.2
8.496
133.0
.058
54.3
.764
–34.9
300.00
.696
–72.2
7.939
116.9
.073
44.3
.630
–44.6
400.00
.619
–92.7
7.110
103.4
.083
37.3
.530
–50.1
500.00
.563
–111.0
6.461
91.2
.092
32.9
.456
–54.7
600.00
.521
–124.5
5.626
81.2
.098
28.7
.397
–57.1
700.00
.491
–136.8
5.074
72.3
.107
25.9
.356
–59.2
800.00
.473
–147.0
4.547
63.8
.112
22.5
.317
–61.2
900.00
.461
–155.5
4.141
56.3
.119
19.8
.291
–62.2
1000.00
.455
–163.1
3.787
49.2
.126
17.4
.265
–64.6
1100.00
.452
–169.6
3.476
42.7
.134
14.3
.245
–65.4
1200.00
.451
–176.0
3.232
36.1
.140
11.2
.227
–67.7
1300.00
.451
178.7
2.996
30.0
.148
8.5
.210
–68.9
1400.00
.454
173.6
2.815
23.8
.156
5.7
.199
–71.8
1500.00
.456
169.0
2.632
17.6
.163
2.7
.183
–74.2
1600.00
.465
165.0
2.508
12.0
.171
–.6
.174
–76.4
1700.00
.467
160.7
2.366
5.9
.180
–4.0
.161
–80.6
1800.00
.475
157.3
2.250
.4
.187
–7.6
.149
–83.4
1900.00
.486
153.1
2.155
–5.7
.195
–11.6
.140
–88.6
2000.00
.493
149.3
2.053
–11.1
.200
–14.7
.127
–91.8
2100.00
.501
145.6
1.971
–16.7
.208
–17.9
.121
–97.4
2200.00
.506
142.8
1.892
–22.1
.215
–21.2
.111
–103.1
2300.00
.517
139.5
1.822
–27.7
.223
–24.7
.106
–109.2
2400.00
.521
136.6
1.746
–33.1
.230
–28.4
.099
–118.1
2500.00
.532
134.2
1.692
–38.2
.238
–31.7
.092
–125.0
2600.00
.540
131.1
1.633
–43.7
.247
–35.6
.093
–135.3
2700.00
.548
128.9
1.581
–48.6
.253
–39.3
.091
–145.0
2800.00
.556
126.2
1.532
–54.0
.261
–42.9
.096
–154.4
2900.00
.563
124.0
1.479
–59.0
.268
–46.5
.098
–164.4
3000.00
.575
121.6
1.443
–64.1
.277
–50.5
.104
–171.2
NE68119 / 2SC5007


Similar Part No. - 2SC5007

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5007 NEC-2SC5007 Datasheet
63Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5007 RENESAS-2SC5007 Datasheet
236Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5007-T1 NEC-2SC5007-T1 Datasheet
63Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5007-T1 RENESAS-2SC5007-T1 Datasheet
236Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007-T1-A RENESAS-2SC5007-T1-A Datasheet
236Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results

Similar Description - 2SC5007

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com