Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT81 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAT81
Description  30mA Axial Leaded Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAT81 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAT81 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAT81 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30mA Axial Leaded Schottky Barrier Diodes
of 2
1
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
Mechanical Data
·
·
·
Case: DO-34 Glass Case
Weight: approx. 0.11g
Low forward voltage
High breakdown voltage
uard ring protected
Hermetically-sealed leaded glass package
Low diode capacitance.
Pb / RoHS Free
G
·
·
Symbol
Value
Unit
BAT81
40
BAT82
50
BAT83
60
Forward Continuous Current
IF
30
(1)
mA
Repetitive Peak Forward Current at tp
≤1s
IFRM
150
(1)
mA
Non-repetitive Peak Forward Surge Current at tp
≤ 10ms
IFSM
500
(1)
mA
Power Dissipation (Infinite Heatsink)
PD
200
(1)
mW
Thermal Resistance Junction to Ambient Air
RθJA
430
(1)
°C/W
Junction Temperature
TJ
125
°C
Storage temperature range
TS
-65 to + 150
°C
Note: (1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature.
V
Parameter
VR
Continuous Reverse Voltage
Parameter
Symbol
Min
Typ
Max
Unit
Reverse Current
IR
VR = VRmax
-
-
200
nA
IF = 1mA
-
-
0.41
IF = 15mA
-
-
1.0
Diode Capacitance
Cd
VR = 1V, f = 1MHz
-
-
1.6
pF
Forward Voltage
Test Condition
VF
V
BAT81-BAT83
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm


Similar Part No. - BAT81

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT81 PHILIPS-BAT81 Datasheet
27Kb / 5P
   Schottky barrier diodes
1996 Mar 20
logo
EIC discrete Semiconduc...
BAT81 EIC-BAT81 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER DIODES
logo
New Jersey Semi-Conduct...
BAT81 NJSEMI-BAT81 Datasheet
39Kb / 1P
   Schottky Barrier Diodes
logo
Vishay Siliconix
BAT81S VISHAY-BAT81S Datasheet
39Kb / 4P
   Schottky Barrier Diodes
Rev. 3, 01-Apr-99
BAT81S VISHAY-BAT81S Datasheet
116Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.7, 26-Feb-07
More results

Similar Description - BAT81

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RB721Q SUNMATE-RB721Q Datasheet
161Kb / 1P
   30mA Axial Leaded Schottky Barrier Diodes
BAT46 SUNMATE-BAT46 Datasheet
179Kb / 2P
   150mA Axial Leaded Schottky Barrier Diodes
BAT42 SUNMATE-BAT42 Datasheet
164Kb / 2P
   200mA Axial Leaded Schottky Barrier Diodes
1SS166 SUNMATE-1SS166 Datasheet
200Kb / 2P
   15mA Axial Leaded Schottky Barrier Diodes
BAT47 SUNMATE-BAT47 Datasheet
246Kb / 1P
   350mA Axial Leaded Schottky Barrier Diodes
1N5711 SUNMATE-1N5711 Datasheet
217Kb / 2P
   15mA Axial Leaded Schottky Barrier Diodes
BAT41 SUNMATE-BAT41 Datasheet
132Kb / 2P
   100mA Axial Leaded Schottky Barrier Diodes
BAT86 SUNMATE-BAT86 Datasheet
68Kb / 1P
   0.2A Axial Leaded Schottky Barrier Diodes
SD101A SUNMATE-SD101A Datasheet
197Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diodes
1SS165 SUNMATE-1SS165 Datasheet
197Kb / 2P
   15mA Axial Leaded Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com