Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8106TB Datasheet(PDF) 2 Page - NEC

Part # UPC8106TB
Description  SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8106TB Datasheet(HTML) 2 Page - NEC

  UPC8106TB Datasheet HTML 1Page - NEC UPC8106TB Datasheet HTML 2Page - NEC UPC8106TB Datasheet HTML 3Page - NEC UPC8106TB Datasheet HTML 4Page - NEC UPC8106TB Datasheet HTML 5Page - NEC UPC8106TB Datasheet HTML 6Page - NEC UPC8106TB Datasheet HTML 7Page - NEC UPC8106TB Datasheet HTML 8Page - NEC UPC8106TB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Data Sheet P12770EJ2V0DS00
2
µµµµPC8106TB, µµµµPC8109TB
PIN CONNECTIONS
Pin No.
Pin Name
1
IFinput
2GND
3
LOinput
4PS
5VCC
6
RFoutput
SERIES PRODUCTS (TA = +25
°°°°C, VCC = VPS = VRFout = 3.0 V, ZL = ZS = 50 Ω
Ω)
TYPE
PRODUCT NAME
VCC (V)
ICC
(mA)
CG1
(dB)
CG2
(dB)
PO(sat)1
(dBm)
PO(sat)2
(dBm)
OIP31
(dBm)
OIP32
(dBm)
High IP3
µPC8106TB
2.7 to 5.5
9
9
7
−2
−4
+5.5
+2.0
Low power consumption
µPC8109TB
2.7 to 5.5
5
6
4
−5.5
−7.5
+1.5
−1.0
Higher IP3
µ PC8163TB
2.7 to 3.3
16.5
9
5.5
0.5
–2
+9.5
+6
Caution The above table lists the typical performance of each model. See ELECTRICAL CHARACTER-
ISTICS for the test conditions.
BLOCK DIAGRAM (FOR THE
µµµµPC8106TB AND µµµµPC8109TB)
LO input
IF input
RF output
PS
VCC
GND
(Top view)
3
2
1
4
5
6
(Top view)
Marking is an example of
PC8106TB.
4
5
6
3
2
1
(Bottom view)
µ


Similar Part No. - UPC8106TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8106TB NEC-UPC8106TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
UPC8106TB NEC-UPC8106TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
UPC8106TB NEC-UPC8106TB Datasheet
121Kb / 8P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
California Eastern Labs
UPC8106TB CEL-UPC8106TB Datasheet
224Kb / 10P
   3 V SILICON RFIC FREQUENCY UPCONVERTER
logo
Renesas Technology Corp
UPC8106TB RENESAS-UPC8106TB Datasheet
318Kb / 26P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2000
More results

Similar Description - UPC8106TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
UPC8128TA NEC-UPC8128TA Datasheet
138Kb / 16P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC8128TB NEC-UPC8128TB Datasheet
287Kb / 52P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8112TB NEC-UPC8112TB Datasheet
125Kb / 5P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
logo
California Eastern Labs
UPC8151TB CEL-UPC8151TB Datasheet
206Kb / 10P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR CELLULAR/CORDLESS TELEPHONES
logo
CML Microcircuits
FX118 CMLMICRO-FX118 Datasheet
120Kb / 7P
   Duplex Frequency Inverter for Cordless Telephones
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com