Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYT43D Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BYT43D
Description  1.0A Axial Leaded Super Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYT43D Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BYT43D Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYT43D Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
0
0
20
40
60
80
120
l – Lead Length ( mm )
96 12151
510
15
25
30
20
100
ll
TL=constant
Figure 1. Max. Thermal Resistance vs. Lead Length
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature ( °C )
96 12144
VR =VRRM
f
v1kHz
RthJAv110K/W
PC Board
BYT43A
BYT43M
BYT43J
Figure 2. Max. Average Forward Current vs.
Ambient Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature ( °C )
96 12145
VR =VRRM
f
v1kHz
RthJAv60K/W
l=10mm
BYT43A
BYT43M
BYT43J
Figure 3. Max. Average Forward Current vs.
Ambient Temperature
1
10
100
1000
25
50
75
100
125
150
175
Tj – Junction Temperature ( °C )
96 12146
VR = VRRM
Figure 4. Max. Reverse Current vs.
Junction Temperature
0.001
0.010
0.100
1.000
10.000
100.000
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
VF – Forward Voltage ( V )
96 12143
Tj =25°C
Tj = 175°C
BYT43A
–BYT43J
Figure 5. Max. Forward Current vs. Forward Voltage
0.001
0.010
0.100
1.000
10.000
100.000
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
VF – Forward Voltage ( V )
96 12142
Tj =25°C
Tj = 175°C
BYT43K
–BYT43M
Figure 6. Max. Forward Current vs. Forward Voltage


Similar Part No. - BYT43D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT43D VISHAY-BYT43D Datasheet
46Kb / 4P
   Very Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
More results

Similar Description - BYT43D

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MUR105 SUNMATE-MUR105 Datasheet
111Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
BYV26A SUNMATE-BYV26A Datasheet
155Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
BYT41A SUNMATE-BYT41A Datasheet
93Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
SF11 SUNMATE-SF11 Datasheet
107Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier Diodes
11DF1 SUNMATE-11DF1 Datasheet
101Kb / 2P
   1.0A Axial Leaded Ultra-Fast Rectifier
SBYV26C SUNMATE-SBYV26C Datasheet
81Kb / 2P
   1.0A Axial Leaded Ultra Fast Rectifier
11DF3 SUNMATE-11DF3 Datasheet
143Kb / 2P
   1.0A Axial Leaded Ultra-Fast Rectifier
ERA32-01 SUNMATE-ERA32-01 Datasheet
169Kb / 2P
   1.0A Axial Leaded Rectifier
UF100 SUNMATE-UF100 Datasheet
89Kb / 2P
   1.0A Axial Leaded Ultrfast Switching Fast Rectifier
ER301 SUNMATE-ER301 Datasheet
264Kb / 2P
   3.0A Axial Leaded Super Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com