Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW35 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BYW35
Description  2.0A Axial Leaded Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYW35 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BYW35 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYW35 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Features
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
¾
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
·
·
Mechanical Data
·
·
·
·
·
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Low cost
Diffused junction
Low leakage
Low forward voltage drop
High current capability
Easily cleaned with Freon,Alcohol,Isopropanol
The plastic material carries U/L recognition 94V-0
·
and similar solvents
Case:JEDEC DO-15,molded plastic
Terminals: Axial lead ,solderable per
Polarity: Color band denotes cathode
Weight: 0.024 ounces,0.068 grams
Mounting position: Any
MIL- STD-202,Method 208
BYW
34
BYW
35
BYW
36
UNITS
Maximum recurrent peak reverse voltage
VRRM
400
500
600
V
Maximum RMS voltage
VRMS
280
350
420
V
Maximum DC blocking voltage
VDC
400
500
600
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 2.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=150
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE: 1. Measured with I
F=0.5A, IR=1A, I rr=0.25A.
5.0
200
22
300
BYW
33
2.0
A
1.2
40.0
IF(AV)
A
IFSM
3. Thermal resistance f rom junction to ambient.
A
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
- 55---- +150
- 55---- +150
35
IR
50.0
200
140
200
BYW
32
300
210
BYW32-BYW36
2.0A Axial Leaded Fast Recovery Rectifier


Similar Part No. - BYW35

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW35 VISHAY-BYW35 Datasheet
46Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
General Semiconductor
BYW35 GE-BYW35 Datasheet
52Kb / 2P
   MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Galaxy Semi-Conductor H...
BYW35 BILIN-BYW35 Datasheet
72Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
BYW35 EIC-BYW35 Datasheet
50Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Vishay Siliconix
BYW35 VISHAY-BYW35 Datasheet
118Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results

Similar Description - BYW35

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BYV37 SUNMATE-BYV37 Datasheet
131Kb / 2P
   2.0A Axial Leaded Fast Recovery Rectifier
TVR4J SUNMATE-TVR4J Datasheet
123Kb / 2P
   2.0A Axial Leaded Fast Recovery Rectifier
BY296 SUNMATE-BY296 Datasheet
101Kb / 2P
   2.0A Axial Leaded Rectifier
UF200 SUNMATE-UF200 Datasheet
90Kb / 2P
   2.0A Axial Leaded Ultrfast Switching Fast Rectifier
PG201 SUNMATE-PG201 Datasheet
101Kb / 2P
   2.0A Axial Leaded Rectifier
logo
Shenzhen Yixinwei Techn...
UF2010 YIXIN-UF2010 Datasheet
134Kb / 2P
   2.0A Axial Leaded Ultrfast Switching Fast Rectifier
logo
SUNMATE electronic Co.,...
FR201 SUNMATE-FR201 Datasheet
97Kb / 2P
   2.0A Axial Leaded Rectifier
RL201 SUNMATE-RL201 Datasheet
80Kb / 2P
   2.0A Axial Leaded Rectifier
21DQ04 SUNMATE-21DQ04 Datasheet
188Kb / 2P
   2.0A Axial Leaded Schottky Rectifier
21DQ06 SUNMATE-21DQ06 Datasheet
231Kb / 2P
   2.0A Axial Leaded Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com