Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYX82 Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # BYX82
Description  2.0A Axial Leaded Silicon Mesa Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYX82 Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  BYX82 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYX82 Datasheet HTML 2Page - SUNMATE electronic Co., LTD BYX82 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
10
100
1000
tp – Pulse Length ( s )
94 9578
IFRM – Repetitive Peak
Forward Current ( A )
10–3
10–2
10–1
100
101
10–1
100
101
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
0.02
0.01
Tamb=25°C
Tamb=45°C
Tamb=60°C
Tamb= 100°C
Single Pulse
VRRMv1000V
t
v10ms
RthJAv100K/W
Tamb=70°C
Figure 6. Thermal Response
3of3


Similar Part No. - BYX82

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYX82 VISHAY-BYX82 Datasheet
61Kb / 5P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYX82 VISHAY-BYX82 Datasheet
129Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 09-Aug-10
BYX82 VISHAY-BYX82 Datasheet
134Kb / 6P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 11-Sep-12
BYX82 VISHAY-BYX82 Datasheet
152Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYX82-1000 VISHAY-BYX82-1000 Datasheet
152Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
More results

Similar Description - BYX82

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BYW52 SUNMATE-BYW52 Datasheet
267Kb / 3P
   2.0A Axial Leaded Silicon Rectifier
BY296 SUNMATE-BY296 Datasheet
101Kb / 2P
   2.0A Axial Leaded Rectifier
PG201 SUNMATE-PG201 Datasheet
101Kb / 2P
   2.0A Axial Leaded Rectifier
FR201 SUNMATE-FR201 Datasheet
97Kb / 2P
   2.0A Axial Leaded Rectifier
RL201 SUNMATE-RL201 Datasheet
80Kb / 2P
   2.0A Axial Leaded Rectifier
logo
Formosa MS
RL201 FORMOSA-RL201 Datasheet
132Kb / 6P
   2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
SF21 FORMOSA-SF21_13 Datasheet
177Kb / 6P
   2.0A Axial Leaded Super Fast Rectifiers-50-600V
SR220 FORMOSA-SR220_13 Datasheet
184Kb / 6P
   2.0A Axial Leaded Schottky Barrier Rectifiers-20V-200V
logo
SUNMATE electronic Co.,...
21DQ04 SUNMATE-21DQ04 Datasheet
188Kb / 2P
   2.0A Axial Leaded Schottky Rectifier
UF2001 SUNMATE-UF2001 Datasheet
78Kb / 2P
   2.0A Axial Leaded Ultrafast Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com